Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM Datasheet(PDF) 2 Page - StarHope

Part # TSM
Description  Surface Mount Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

TSM Datasheet(HTML) 2 Page - StarHope

  TSM Datasheet HTML 1Page - StarHope TSM Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Ihold Itrip Vmax Imax Pd max
Current
Time
Rmin
Rmax
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(Ω)
(Ω)
TSM030
0.30
0.60
60
100
0.9
1.50
3.0
0.500
2.300
TSM050
0.55
1.20
60
100
1.0
2.5
3.00
0.200
1.000
TSM100
1.00
2.20
15
100
1.1
8.0
0.40
0.060
0.360
TSM100/33
1.00
2.20
33
100
1.1
8.0
0.4
0.060
0.360
TSM150
1.50
3.00
15.0
100
1.1
8.0
0.8
0.050
0.170
TSM200
2.00
4.00
10
100
1.1
8.0
2.4
0.030
0.100
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
Model
—40℃ —20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
TSM030
0.480
0.42 0.350 0.30 0.240
0.21
0.17
0.15
0.100
TSM050
0.87
0.77
0.67
0.55 0.460
0.41
0.36
0.31
0.23
TSM100
1.71
1.52
1.32
1.00 0.940
0.84
0.74
0.64
0.50
TSM100/33
1.71
1.52
1.32
1.00 0.940
0.84
0.74
0.64
0.50
TSM150
2.38
2.10
1.82
1.50 1.270
1.13
0.99
0.85
0.64
TSM200
2.95
2.65
2.35
2.00 1.740
1.59
1.44
1.29
1.06
maximun ambient operating temperature(Tmao)vs.hold current(Ihold)
Ihold versus tempetature
Trip current:Minimum current at which the device will always trip in 25℃ still air
Maximum Time To Trip Resistance
Hold Current:Maximum current device will not trip in 25℃ still air.
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax).
Maximum fault current device can withstand without damage at rated voltage(Vmax).
Electrical characteristics(25℃ )
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
Package Information
Reel:
TSM030~050
1500pcs/Reel
TSM100~200
2500pcs/Reel
Thermal Derating Curve
Typical Time-To-Trip At 25°C
Derating Curves for SMD2018 Series
0
20
40
60
80
100
120
140
160
-40
-20
0
20
40
60
80
Temperature (°C)
Average Time Current Curves
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Current In Amperes
050
100
150
200
133
030
PPTC/TSM Series
02 | www.spsemi.cn
REV.2014.05.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com