Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX Datasheet(PDF) 2 Page - StarHope

Part # SPX
Description  ADSL MODEM?갌AX?갩ELEPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPX Datasheet(HTML) 2 Page - StarHope

  SPX Datasheet HTML 1Page - StarHope SPX Datasheet HTML 2Page - StarHope SPX Datasheet HTML 3Page - StarHope SPX Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPX075F SPX090F SPX150F SPX200F SPX350F SPX450F SPX600F
75
90
150
200
350
450
600
≦700
≦700
≦750
≦800
≦850
≦900
≦950
0.5      0.5      0.5      0.5      0.5      0.5     0.5
2        2        2        2        2        2       2
1        1        1        1        1        1       1
产品电性参数/Electrical Characteristics
 
 
 
 
 
直流击穿电压±20%(@100V/S)(V)
Nom. DC spark-over voltage Vs
冲击击穿电压(@1KV/μS) (V)
Impulse spark-over voltage
型号 Type
标称耐冲击电流(@8/20μS) (KA)
Nom. Impulse discharge
current
标称耐工频电流(@50HZ)
(A)
Nom. Alternating discharge
current
单次耐冲击电流(@8/20μS)(KA)
Impulse discharge current
GDT/SPX Series
02 | www.spsemi.cn
Packaging: 4000 pieces per reel
包装说明/Packaging Speci cations
>1
>1
>1
>1
>1
>1
>1
<0.8
绝缘电阻(@DC V)
(GΩ)
Insulation resistance
电容
(pF)
Capacitance
25V
50V
100V
250V
50V
250V
100V
<0.8
<0.8
<0.8
<0.8
<0.8
<0.8
REV.2014.05.01
one operation
,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com