Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB Datasheet(PDF) 2 Page - StarHope

Part # SMB
Description  P thyristor for circuit protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMB Datasheet(HTML) 2 Page - StarHope

  SMB Datasheet HTML 1Page - StarHope SMB Datasheet HTML 2Page - StarHope SMB Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DO-214AA (SMB J-Bend)
0.155 (3.94)
0.130 (3.30)
0.086 (2.20)
0.073 (1.85)
0.193 (4.90)
0.160 (4.06)
0.102 (2.6)
0.083 (2.1)
0.220 (5.59)
0.195 (4.95)
0.060 (1.52)
0.030 (0.76)
Dimensions in inches and(millimeters)
0.012 (0.305)
0.006 (0.152)
P Device (S series)
DO-214AA P solid state protection devices protect telecommunications equipment such as
modems, line cards, fax machines, and other CPE.
P devices are used to enable equipment to meet various regulatory requirements including
GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968 (formerly known as FCC Part 68).
Electrical Parameters
Part
Number *
VRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps **
IH
mAmps
CO
pF
P0080S_
6
25
4
5
800
2.2
50
50-125
P0300S_
25
40
4
5
800
2.2
15
0
70-175
P0640S_
58
77
4
5
800
2.2
150
55-140
P0720S_
65
88
4
5
800
2.2
150
55-140
P0900S_
75
98
4
5
800
2.2
150
55-140
P2300S_
190
260
4
5
800
2.2
1
50
45-115
P2600S_
220
300
4
5
800
2.2
150
40-100
P3100S_
275
350
4
5
800
2.2
150
35-90
P3500S_
320
400
4
5
800
2.2
150
30-75
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500
Thermal Considerations
Package
DO-214AA
Symbol
Parameter
Value
Unit
TJ
Operating Junction
Temperature
-40 to +150
°C
TS
Storage
Temperature Range
-65 to +150
°C
RBJA
Thermal
Resistance:
Junction to Ambient
90
°C/W
26
* For individual “SA”, “SB”, and “SC”surge ratings, see table below
Thyristor/SMB Series
REV.2014.05.01
02 | www.spsemi.cn
0.012 (0.3) MAX.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com