Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKD Datasheet(PDF) 2 Page - StarHope

Part # PKD
Description  Glass passiated junction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PKD Datasheet(HTML) 2 Page - StarHope

  PKD Datasheet HTML 1Page - StarHope PKD Datasheet HTML 2Page - StarHope PKD Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Test ISO 7637-2 pulse 5a
Figure 11 — Test pulse 5a
Table 9 — Parameters for test pulse 5a
Parameter
12 V system
24 V system
Us
65 V to 87 V
123 V to 174 V
Ri
0,5
Ω to 4 Ω
1
Ω to 8 Ω
td
40 ms to 400 ms
100 ms to 350 ms
tr
( )0
5
10
ms
−
02 | www.spsemi.cn
Electrical Characteristics
Standoff
Voltage(Vd
c)Volts
Reverse
Leakage
Test
Current IT
UN
Vrwm(V)
IR(uA)
Min.
max.
mA
Vcl(V)
Ipp(A)
PKD18A
18
2
20.0
22.1
5
29.2
274.0
PKD20A
20
2
22.2
24.5
5
32.4
246.9
PKD22A
22
2
24.0
26.9
5
35.5
225.4
PKD24A
24
2
26.7
29.5
5
38.9
205.7
PKD26A
26
2
28.9
31.9
5
42.1
190.0
PKD30A
30
2
33.3
36.8
5
48.4
165.3
PKD33A
33
2
36.7
40.6
5
53.3
150.1
PKD36A
36
2
40.0
44.2
5
58.1
137.7
PKD43A
43
2
47.8
52.8
5
69.4
* Commonly used models
Part Numbers
Breakdown
Voltage(Vbr)@IT
Max. Clamping Voltage
Vcl@Ipp 10/1000us
REV.2014.05.01
AUTO TVS/PKD(8KW) Series
115.3
*
*



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com