Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSM Datasheet(PDF) 2 Page - StarHope

Part # NSM
Description  Surface Mount Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

NSM Datasheet(HTML) 2 Page - StarHope

  NSM Datasheet HTML 1Page - StarHope NSM Datasheet HTML 2Page - StarHope NSM Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model
Marking Ihold
Itrip
Vmax
Imax
Pd max
Current
Time
Rmin
Rmax
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(Ω)
(Ω)
NSM005
Z
0.05
0.15
60
100
0.4
0.3
1.5
3.600
50.000
NSM010
N
0.10
0.25
60
100
0.4
0.5
1.00
1.600
15.000
NSM025
A
0.25
0.50
16
100
0.6
8.0
0.08
0.350
2.500
NSM035
B
0.35
0.75
6
100
0.6
8.0
0.1
0.250
1.300
NSM050
F
0.50
1.00
6
100
0.6
8.0
0.1
0.150
0.700
NSM050/13.2
F
0.50
1.00
13.2
100
0.6
8.0
0.1
0.150
0.700
NSM075
G
0.75
1.50
6
100
0.6
8.0
0.2
0.090
0.500
NSM100
H
1.00
1.80
6
100
0.6
8.0
0.3
0.055
0.270
NSM150
Ⅰ
1.50
3.00
6
100
0.8
8.0
0
.3
0.040
0.130
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
Model
—40℃ —20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
NSM005
0.074
0.066 0.058 0.05 0.0425 0.0375
0.035
0
.03
0.0275
NSM010
0
.145
0
.33
0
.115 0.10 0.085
0.08
0.07
0.06
0.055
NSM025
0.37
0.33
0.29
0.25 0.220
0.20
0.17
0.15
0.12
NSM035
0.50
0.45
0.40
0.35 0.300
0.27
0.24
0.21
0.15
NSM050
0.71
0.64
0.57
0.50 0.420
0.39
0.35
0.31
0.25
NSM075
1.14
1.01
0.88
0.75
0.650
0.59
0.54
0.49
0.41
NSM100
1.45
1.31
1.15
1.00 0.840
0
.77
0.69
0.61
0.48
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
maximun ambient operating temperature(Tmao)vs.hold current(Ihold)
Ihold versus tempetature
Trip current:Minimum current at which the device will always trip in 25℃ still air
Maximum Time To Trip Resistance
Hold Current:Maximum current device will not trip in 25℃ still air.
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax).
Maximum fault current device can withstand without damage at rated voltage(Vmax).
NSM150
2.18
1.94
1.72
1.50
1.280
1.17
1.06
0.96
0.77
Electrical characteristics(25℃ )
PPTC/NSM Series
02 | www.spsemi.cn
NSM200
2
.00
3.50
6
100
0.8
8.0
1.5
0.018
0.080
NSM200
2.88
2.63
2.34
2.00
1.740
1.58
1.42
1.17
0.93
K
REV.2014.05.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com