Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM050 Datasheet(PDF) 2 Page - StarHope

Part # MSM050
Description  Surface Mount Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

MSM050 Datasheet(HTML) 2 Page - StarHope

  MSM050 Datasheet HTML 1Page - StarHope MSM050 Datasheet HTML 2Page - StarHope MSM050 Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model
Ihold
Itrip
Vmax
Imax
Pd max
Current
Time
Rmin
Rmax
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(
Ω)
(
Ω)
MSM010
0.10
0.30
30
100
0.8
0.5
1.5
0.750
15.000
MSM014
0.14
0.34
60
100
0.8
1.5
0.15
0.650
6.000
MSM020
0.20
0.40
30
100
0.8
8.0
0.02
0.350
5.000
MSM030
0.30
0.60
30
100
0.8
8.0
0.1
0.250
3.000
MSM050
0.50
1.00
15
100
0.8
8.0
0.15
0.150
1.000
MSM050/24
0.50
1.00
24
100
0.8
8.0
0.15
0.150
1.000
MSM075
0.75
1.50
13.2
100
0.8
8.0
0.2
0.090
0.450
MSM110
1.10
2.20
8
100
0.8
8.0
0.3
0.050
0.250
1.10
2.20
16
100
0.8
8.0
0.3
0.050
0.250
1.25
2.50
16
100
0.8
8.0
0.4
0.050
0.140
1.50
3.00
8
100
0.8
8.0
0.5
0.040
0.160
1.50
3.00
24
100
0.8
8.0
0.5
0.040
0.160
1.60
2.80
8
100
0.8
8.0
1.0
0.030
0.130
2.00
4.00
8
100
0.8
8.0
2.0
0.020
0.100
2.60
5.00
8
100
0.8
8.0
2.5
0.015
0.050
3.00
5.00
8
100
0.8
8.0
4.0
0.012
0.040
3.50
6.00
6
100
0.8
8.0
4.0
0.008
0.030
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
Model
—40℃
—20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
MSM010
0.160
0.14
0.120
0.10
0.080
0.07
0.06
0.05
0.030
MSM014
0.23
0.19
0.17
0.14
0.120
0.10
0.09
0.08
0.06
MSM020
0.29
0.26
0.23
0.20
0.170
0.15
0.14
0.12
0.10
MSM030
0.44
0.39
0.35
0.30
0.260
0.23
0.21
0.18
0.15
MSM050
0.59
0.57
0.55
0.50
0.450
0.43
0.35
0.30
0.23
MSM075
1.10
0.99
0.87
0.75
0.630
0.57
0.49
0.45
0.35
MSM110
1.60
1.45
1.28
1.10
0.920
0.83
0.71
0.66
0.52
MSM125
2.00
1.75
1.52
1.25
1.000
0.95
0.90
0.75
0.53
MSM150
2.30
2.05
1.77
1.50
1.230
1.09
0.95
0.82
0.61
MSM160
2.10
1.96
1.88
1.60
1.260
1.12
0.98
.
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax).
Maximum fault current device can withstand without damage at rated voltage(Vmax).
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
maximun ambient operating temperature(Tmao)vs.hold current(Ihold)
Ihold versus tempetature
Electrical characteristics(25℃)
Trip current:Minimum current at which the device will always trip in 25℃ still air
Maximum Time To Trip
Resistance
Hold Current:Maximum current device will not trip in 25℃ still air.
MSM050/30
0.50
1.00
30
100
0.8
8.0
0.15
0.150
1.000
MSM110/16
MSM125
MSM150
MSM150/24
MSM160
MSM200
MSM260
MSM300
MSM350
MSM200
2.88
2.61
2.25
2.00
1.800
1.66
1.45
1.09
0.80
MSM260
3.90
3.42
2.96
2.60
2.330
2.07
1.94
1.35
1.00
MSM300
4.15
3.76
3.46
3.00
2.550
2.28
2.01
1.61
1.33
MSM350
4.84
4.39
4.04
3.50
2.980
2.66
2.35
1.88
1.55
0.84
0.63
PPTC/MSM Series
02 | www.spsemi.cn
0.20
0.40
60
100
0.8
8.0
0.02
0.350
5.000
MSM020/60
0.75
1.50
16
100
0.8
8.0
0.2
0.090
0.450
MSM075/16
0.75
1.50
24
100
0.8
8.0
0.2
0.090
0.450
MSM075/24
1.10
2.20
33
100
0.8
8.0
0.3
0.090
0.450
MSM075/33
1.10
2.20
24
100
0.8
8.0
0.3
0.050
0.250
MSM110/24
1.10
2.20
33
100
0.8
8.0
0.3
0.050
0.250
MSM110/33
MSM200/12
1.50
3.00
16
100
0.8
8.0
0.5
0.040
0.160
MSM150/16
2.00
4.00
12
100
0.8
8.0
2.0
0.020
0.100
2.60
5.00
13.2
100
0.8
8.0
2.5
0.015
0.050
MSM260/13.2
2.60
5.00
16
100
0.8
8.0
2.5
0.015
0.050
MSM260/16
REV.2014.05.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com