Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K30 Datasheet(PDF) 2 Page - StarHope

Part # K30
Description  Radial leaded Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

K30 Datasheet(HTML) 2 Page - StarHope

  K30 Datasheet HTML 1Page - StarHope K30 Datasheet HTML 2Page - StarHope K30 Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model
Ihold
Itrip
Vmax Imax Pd max
Current
Time
Rmin
Rmax R1max
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(mΩ)
(mΩ)
(mΩ)
K30-090 0.90
1.80
30
40
0.6
4.50
8
100
220
300
K30-110 1.10
2.20
30
40
0.7
5.50
8
70
200
260
K30-120 1.20
2.40
30
40
0.8
6.00
8
80
160
200
K30-135 1.35
2.70
30
40
0.8
6.75
8
70
160
220
K30-160 1.60
3.20
30
40
0.9
8.00
8
6
0
140
180
K30-185 1.85
3.70
30
40
1.0
9.25
8
50
120
150
K30-200 2.00
4.00
30
40
1.2
10.00
11
40
100
130
K30-250 2.50
5.00
30
40
1.2
12.50
11
30
80
100
K30-300 3.00
6.00
30
40
2.0
15.00
11
30
70
100
K30-400 4.00
8.00
30
40
2.5
20.00
12.7
10
60
90
K30-500 5.00
10.00
30
40
3.0
25.00
14.5
10
50
80
K30-600 6.00
12.00
30
40
3.5
30.00
16
5
40
60
K30-700 7.00
14.00
30
40
3.8
35.00
17.5
5
30
50
K30-800 8.00
16.00
30
40
4.0
40.00
18.8
5
25
30
K30-900 9.00
18.00
30
40
4.2
40.00
20
5
20
25
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
-40
-20
0
25
40
50
60
70
80
1.40
1.25
1.10
0.90
0.75
0.69
0.65
0.60
0.50
1.75
1.52
1.33
1.10
0.99
0.90
0.80
0.73
0.63
2.15
1.94
1.60
1.35
1.31
1.19
1.00
0.90
0.81
2.490
2.210 1.940
1.600
1.420
1.310
1.190
1.030
0.880
2.87
2.59
2.28
1.85
1.63
1.52
1.33
1.31
1.05
3.82
3.44
3.03
2.50
2.17
2.00
1.81
1.59
1.39
4.550
4.100 3.600
3.000
2.650
2.510
2.240
2.010
1.740
6.00
5.40
4.74
4.00
3.47
3.28
2.82
2.63
2.26
7.44
6.68
5.80
5.00
4.30
4.03
3.58
3.22
2.77
8.900
7.990 7.080
6.000
5.130
4.820
4.270
3.840
3.300
10.35
9.30
8.21
7.00
5.95
5.58
4.96
4.46
3.84
11.60
10.60
9.35
8.00
6.79
6.36
5.64
5.07
4.36
13.25
11.90 10.49
9.00
7.53
7.12
6.32
5.69
4.88
K30-400
K30-500
K30-600
K30-700
K30-800
K30-900
K30-110
K30-135
K30-160
K30-185
K30-250
K30-300
Part number
K30-090
Maximum ambidnt operating temperatures(℃)
Thermal Derating Chart-IH(A)
Maximum Time To Trip
Resistance
Electrical characteristics(25℃)
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax).
Maximum fault current device can withstand without damage at rated voltage(Vmax).
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
Hold Current:Maximum current device will not trip in 25℃ still air.
Trip current:Minimum current at which the device will always trip in 25℃ still air
PPTC/K30 Series
02 | www.spsemi.cn
REV.2014.05.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com