Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K16 Datasheet(PDF) 2 Page - StarHope

Part # K16
Description  Radial leaded Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

K16 Datasheet(HTML) 2 Page - StarHope

  K16 Datasheet HTML 1Page - StarHope K16 Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Ihold
Itrip
Vmax
Imax
Pd max
Current
Time
Rmin
Rmax
R1max
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(mΩ)
(mΩ)
(mΩ)
K16-300
3
6
16
100
2.3
9
15
20
60
80
K16-400
4
8
16
100
2.4
12
15
20
40
60
K16-500
5
10
16
100
2.6
15
15
14
25
33
K16-600
6
12
16
100
2.8
18
15
10
21
31
K16-700
7
14
16
100
3.0
21
15
8
15
20
K16-800
8
16
16
100
3.0
24
15
6
13
18
K16-900
9
18
16
100
3.3
27
25
4
12
16
K16-1000
10
20
16
100
3.7
30
30
4
11
15
K16-1100
11
22
16
100
3.7
33
30
3
9
13
K16-1200
12
24
16
100
4.2
36
30
3
8
11
K16-1300
13
26
16
100
4.2
39
50
3
8
11
K16-1400
14
28
16
100
4.2
40
50
3
7
10
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
-40
-20
0
25
40
50
60
70
80
4.4
4.0
3.6
3.0
2.6
2.4
2.1
1.9
1.4
5.9
5.3
4.8
4.0
3.5
3.2
2.8
2.5
1.9
7.3
6.6
6.0
5.0
4.4
4.0
3.6
3.1
2.4
8.8
8.0
7.2
6.0
5.2
4.8
4.2
3.8
2.8
10.3
9.3
8.4
7.0
6.2
5.6
5.0
4.4
3.3
11.7
10.7
9.6
8.0
6.9
6.4
5.6
5.1
3.7
13.2
11.9
10.7
9.0
7.9
7.2
6.4
5.6
4.2
14.7
13.3
12.0
10.0
8.7
8.0
7.0
6.3
4.7
16.1
14.6
13.1
11.0
9.7
8.8
7.8
6.9
5.2
17.6
16.0
14.4
12.0
10.4
9.6
8.4
7.6
5.6
20.5
18.7
16.8
14.0
12.1
11.2
9.8
8.9
6.5
Electrical characteristics(25℃
)
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax).
Maximum fault current device can withstand without damage at rated voltage(Vmax).
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
Hold Current:Maximum current device will not trip in 25℃ still air.
Part number
K16-300
Trip current:Minimum current at which the device will always trip in 25℃ still air
Maximum Time To Trip
Resistance
K16-1100
K16-1200
K16-1400
Maximum ambidnt operating temperatures(℃)
K16-400
K16-500
K16-600
K16-700
K16-800
K16-900
K16-1000~1400
1000pcs per bag
500pcs per bag
200pcs per bag
Thermal Derating Chart-IH(A)
Package Information
Bulk:
K16-300~800
K16-900
K16-1000
PPTC/K16 Series
02 | www.spsemi.cn
Average Time Current Curves
0.01
0.1
1
10
100
1000
1
10
100
Current In Amperes
0.75A
0.90A
1.10A
1.35A
1.60A
1.85A
2.50A
3.00A
4.00A
5.00A
6.00A
7.00A
8.060A
9.00A
10.0A
11.0A
14.0A
15.0A
16.0A
Typical Time-To-Trip Curve At 25°C
Derating Curves for K16 Series
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40
-20
0
20
40
60
80
Temperature (C°)
Thermal Derating Curve
REV.2014.05.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com