Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM Datasheet(PDF) 2 Page - StarHope

Part # ISM
Description  Surface Mount Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ISM Datasheet(HTML) 2 Page - StarHope

  ISM Datasheet HTML 1Page - StarHope ISM Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Ihold
Itrip
Vmax
Imax
Pd max
Current
Time
Rmin
Rmax
(A)
(A)
(Vdc)
(A)
(w)
(A)
(S)
(
Ω)
(
Ω)
ISM010
0.10
0.30
15
100
0.5
0.5
1.5
1.000
6.000
ISM020
0.20
0.50
9
100
0.5
8.0
0.02
0.650
3.500
ISM035
0.35
0.75
6
100
0.5
8.0
0.1
0.250
1.200
ISM050
0.50
1.00
6
100
0.5
8.0
0.1
0.150
0.850
ISM075
0.75
1.50
6
40
0.6
8.0
0.2
0.090
0.385
ISM100
1.00
1.95
6
100
0.6
8.0
0.3
0.060
0.230
Ihold
Itrip
Vmax
Imax
Pd
Rmin/max
R1max
*CAUTION
Model
—40℃
—20℃
0℃
25℃
40℃
50℃
60℃
70℃
85℃
ISM010
0.14
0.12
0.11
0.10
0.08
0.07
0.06
0.05
0.03
ISM020
0.28
0.25
0.23
0.20
0.17
0.14
0.12
0.10
0.07
ISM035
0.47
0.44
0.39
0.35
0.30
0.27
0.24
0.20
0.14
ISM050
0.68
0.62
0.55
0.50
0.40
0.37
0.33
0.29
0.23
ISM075
0.10
0.90
0.79
0.75
0.63
0.57
0.53
0.41
0.34
ISM100
1.35
1.25
1.15
1.00
0.82
0.74
0.65
0.55
0.42
Maximum Time To Trip
Resistance
Hold Current:Maximum current device will not trip in 25℃ still air.
Maximum resistance of device at 25℃ measured one hour after trippde tripping.
Operation beyond the specified rating may result in damage and possible arcing.
Maximum operating volatge device can withstand without damage at ratde current(imax).
Maximum fault current device can withstand without damage at rated voltage(Vmax).
Typical power dissipatde from device when in the tripped state in 25℃ still air.
Minimum/Maximum device resistance prior to tripping at 25℃.
ISM075
ISM125
Ihold versus tempetature
Electrical characteristics(25℃)
maximun ambient operating temperature(Tmao)vs.hold current(Ihold)
Package Information
Reel:
ISM010~
050
Trip current:Minimum current at which the device will always trip in 25℃ still air
Thermal Derating Curve
Typical Time-To-Trip At 25°C
Derating Curves for SMD0805 Series
0
20
40
60
80
100
120
140
160
-40
-20
0
20
40
60
80
Temperature (°C)
Average Time Current Curves
0.01
0.1
1
10
100
0.1
1
10
Current In Amperes
0.10A
0.20A
0.35A
0.50A
0.75A
1.00A
1.1A
ISM125
1.25
2.50
6
100
1.5
8.0
0.6
0.030
0.140
ISM125
1.65
1.53
1.36
1.25
1.05
0.95
0.85
0.74
0.59
ISM110
1.10
2.20
6
100
0.6
8.0
0.3
0.060
0.210
ISM110
1.45
1.35
1.20
1.10
0.92
0.84
0.75
0.65
0.52
4000pcs/Reel
5000pcs/Reel
PPTC/ISM Series
02 | www.spsemi.cn
REV.2014.05.01
ISM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com