Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM Datasheet(PDF) 2 Page - StarHope

Part # DSM
Description  Surface Mount Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

DSM Datasheet(HTML) 2 Page - StarHope

  DSM Datasheet HTML 1Page - StarHope DSM Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Vmax
Imax
Ihold
Itrip
Pd
@25°C
@25°C
Typ.
Current
Time
Rimin
R1max
(Vdc)
(A)
(A)
(A)
(W)
(A)
(Sec)
(Ω)
(Ω)
DSM010
1
15.0
40
0.10
0.30
0.5
0.5
1.00
0.900
6.000
DSM020
2
9.0
40
0.20
0.50
0.5
1.0
0.60
0.550
3.500
DSM025
2
9.0
40
0.25
0.55
0.5
8.0
0.08
0.500
3.000
DSM035
3
6.0
40
0.35
0.75
0.5
8.0
0.10
0.200
1.400
DSM050
5
6.0
40
0.50
1.00
0.5
8.0
0.10
0.100
0.800
DSM075
7
6.0
40
0.75
1.40
0.5
8.0
0.10
0.060
0.450
DSM100
0
6.0
40
1.00
2.00
0.5
8.0
0.10
0.040
0.300
Ihold = Hold Current. Maximum current device will not trip in 25°C still air.
Itrip
= Trip Current. Minimum current at which the device will always trip in 25°C still air.
Vmax = Maximum operating voltage device can withstand without damage at rated current (Imax).
Imax
= Maximum fault current device can withstand without damage at rated voltage (Vmax).
Pd
= Power dissipation when device is in the tripped state in 25°C still air environment at rated voltage.
Rimin/max = Minimum/Maximum device resistance prior to tripping at 25°C.
R1max = Maximum device resistance is measured one hour post reflow.
CAUTION : Operation beyond the specified ratings may result in damage and possible arcing and flame.
-40°C
-20°C
0°C
25°C
40°C
50°C
60°C
70°C
85°C
DSM010
0.13
0.12
0.11
0.10
0.08
0.07
0.06
0.05
0.03
DSM020
0.27
0.25
0.23
0.20
0.17
0.14
0.12
0.10
0.07
DSM025
0.32
0.29
0.27
0.25
0.21
0.18
0.16
0.05
0.03
DSM035
0.47
0.41
0.38
0.35
0.29
0.26
0.24
0.20
0.14
DSM050
0.67
0.59
0.54
0.50
0.41
0.37
0.34
0.29
0.20
DSM075
0.98
0.85
0.81
0.75
0.60
0.54
0.44
0.40
0.31
DSM100
1.30
1.12
1.08
1.00
0.80
0.72
0.58
0.53
0.42
Thermal Derating Curve
Typical Time-To-Trip At 25°C
Recommended Solder Reflow Conditions
Soldering
Recommended reflow methods:IR, vapor phase oven, hot air oven.
Devices are not designed to be wave soldered to the bottom side
of the board.
Recommended maximum paste thickness is 0.25 mm (0.010 inch).
Devices can be cleaned using standard method and solvents.
Note:If reflow temperatures exceed the recommended profile,
devices may not meet the performance requirements.
Packaging Information
Model
Model
Marking
Maximum
Time To Trip
DSM010-100
5,000 pcs/reel
Electrical characteristics(25℃)
Ihold verus tempetature
Preheating
Cooling
Maximum ambient operating temperature (Tmao) vs. hold current (Ihold)
Resistance
Average Time Current Curves
0.001
0.01
0.1
1
10
100
0.1
1
10
Current In Amperes
0.10A
0.20A
0.25A
0.35A
0.50A
0.75A
1.00A
Derating Curves for SMD0603 Series
0
20
40
60
80
100
120
140
160
-40
-20
0
20
40
60
80
Temperature (°C)
300
200
160
250
190
100
60-120 sec.
0
120 sec.
30~60sec.
PPTC/DSM Series
02 | www.spsemi.cn
Reel:
REV.2014.05.01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com