Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM350 Datasheet(PDF) 3 Page - StarHope

Part # MSM350
Description  Surface Mount Devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

MSM350 Datasheet(HTML) 3 Page - StarHope

  MSM350 Datasheet HTML 1Page - StarHope MSM350 Datasheet HTML 2Page - StarHope MSM350 Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Termination pad characteristics
Terminal pad materials
Tin-Plated Nickle-Copper or Gold-Plated Nickle-Copper
Terminal pad solderability
Meets EIA specification RS186-9E and ANSI/J-STD-002 Category 3.
Thermal Derating Curve
Typical Time-To-Trip At 25°C
Recommended Solder Reflow Conditions
Soldering
‧Recommended reflow methods:IR, vapor phase oven, hot air oven.
‧Devices are not designed to be wave soldered to the bottom side
of the board.
‧Recommended maximum paste thickness is 0.25 mm (0.010 inch).
‧Devices can be cleaned using standard method and solvents.
Note:If reflow temperatures exceed the recommended profile,
devices may not meet the performance requirements.
mSMD
mSMD SeriesPreheating
Cooling
Derating Curves for mSMD Series
0
20
40
60
80
100
120
140
160
-40
-20
0
20
40
60
80
Temperature (°C)
60-120
sec.
120
sec.
30-60
sec.
300
200
160
0
250
190
100
Average Time Current Curves
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Current In Amperes
0.10A
0.14A
0.20A
0.30A
0.50A
0.75A
1.10A
1.25A
1.50A
2.00A
2.50A
2.60A
Package Information
Reel:
MSM010~350
1500pcs/reel
PPTC/MSM Series
03 | www.spsemi.cn
REV.2014.05.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com