Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6M Datasheet(PDF) 2 Page - StarHope

Part # C6M
Description  ADSL MODEM?갌AX?갩ELEPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

C6M Datasheet(HTML) 2 Page - StarHope

  C6M Datasheet HTML 1Page - StarHope C6M Datasheet HTML 2Page - StarHope C6M Datasheet HTML 3Page - StarHope C6M Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Packaging: 100PCS Bulk
带引线
With Wire
C6M07R
C6M09R
C6M15R
C6M23R
C6M35R
C6M47R
C6M60R
无引线
Without Wire
C6M07
C6M09
C6M15
C6M23
C6M35
C6M47
C6M60
75
90
150
230
350
470
600
≦600
≦600
≦650
≦650
≦700
≦750
≦950
5×2
5×2
5×2
5×2
5×2
5×2
5×2
10
10
10
10
10
10
10
10
10
10
10
10
10
10
标称耐冲击电流(@8/20μS) (KA)
Nom. Impulse discharge current
标称耐工频电流(@50HZ)
(A)
Nom. Alternating discharge
current
单次耐冲击电流(@8/20μS) (KA)
Electrical Characteristics
型号 Type
直流击穿电压(@100V/S)(V±20%)
Nom. DC spark-over voltage Vs
冲击击穿电压(@1KV/μS) (V)
Impulse spark-over voltage
GDT/C6M Series
02 | www.spsemi.cn
包装说明/Packaging Speci cations
>1
>1
>1
>1
>1
>1
>1
<1
<1
<1
<1
<1
<1
<1
绝缘电阻(@DC V)
(GΩ)
Insulation resistance
电容
(pF)
Capacitance
25V
50V
100V
250V
50V
250V
100V
REV.2014.05.01
Impulse discharge current
one operation
,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com