Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B8M Datasheet(PDF) 2 Page - StarHope

Part # B8M
Description  ADSL MODEM?갌AX?갩ELEPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

B8M Datasheet(HTML) 2 Page - StarHope

  B8M Datasheet HTML 1Page - StarHope B8M Datasheet HTML 2Page - StarHope B8M Datasheet HTML 3Page - StarHope B8M Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Packaging: 100PCS Bulk
包装说明/Packaging Speci cations
GDT/B8M Series
02 | www.spsemi.cn
With Wire
B8M07R
B8M09R
B8M15R
B8M23R
B8M35R
B8M47R
B8M60R
B8M80R
Without
Wire
B8M07
B8M09
B8M15
B8M23
B8M35
B8M47
B8M60
B8M80
75
90
150
230
350
470
600
800
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
≤600
≤600
≤650
≤650
≤700
≤750
≤950
≤1150
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
>1
>1
>1
>1
>1
>1
>1
>1
<1
<1
<1
<1
<1
<1
<1
<1
AC Discharge Current
(@50HZ/S) (A)
Insulation Resistance
(@ DC) (GΩ)
Capacitance (pF)
Electrical Characteristics
Part
Numbers
DC Spark-over voltage
Vs(@100V/S)(V)
Tolerance
Impulse spark-over
voltage(@1KV/µS)(V)
Nom. Impulse Discharge
Current 10 time
(@8/20µS)(KA)
25V
50V
50V
100V
100V
250V
250V
250V
REV.2014.05.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com