Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B8L Datasheet(PDF) 2 Page - StarHope

Part # B8L
Description  ADSL MODEM?갌AX?갩ELEPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

B8L Datasheet(HTML) 2 Page - StarHope

  B8L Datasheet HTML 1Page - StarHope B8L Datasheet HTML 2Page - StarHope B8L Datasheet HTML 3Page - StarHope B8L Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Packaging: 100PCS Bulk
包装说明/Packaging Speci cations
With Wire
B8L80R
B8L100R B8L150R B8L200R B8L250R
B8K300R
B8K350R
Without
Wire
B8L80
B8L100
B8L150
B8L200
B8L250
B8K300
B8K350
800
1000
1500
2000
2500
3000
3500
±20%
±20%
±20%
±20%
±20%
±20%
±20%
≤1200
≤1400
≤2200
≤2800
≤3600
≤4200
≤5000
5
5
5
5
5
3
3
5
5
5
5
5
3
3
>1
>1
>1
>1
>1
>1
>1
<1.5
<1.5
<1.5
<1.5
<1.5
<1.5
<1.5
AC Discharge Current
(@50HZ/S) (A)
Insulation Resistance
(@DC V) (GΩ)
Capacitance (pF)
Electrical Characteristics
Part
Numbers
DC Spark-over voltage
Vs(@100V/S)(V)
Tolerance
Impulse spark-over
voltage(@1KV/µS)(V)
Nom. Impulse Discharge
Current 10 time
(@8/20µS)(KA)
GDT/B8L(HV) Series
02 | www.spsemi.cn
250V
500V
1000V
250V
500V
500V
1000V
REV.2014.05.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com