Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375S Datasheet(PDF) 1 Page - Emerson Network Power

Part # PL375S
Description  INTERPRET DRAWING PER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375S Datasheet(HTML) 1 Page - Emerson Network Power

  PL375S Datasheet HTML 1Page - Emerson Network Power PL375S Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
299 Johnson Ave. Ste. 100
Waseca, MN 56093
1-800-247-8256
14949
A
SIZE
CAGE CODE
DRAWING NO.
REV.
TITLE:
SCALE
DATE
SHEET
FINISH:
DO NOT SCALE DWG
INTERPRET DRAWING PER
MIL-STD-100.
DIMENSIONS ARE IN INCHES
AND INCLUDE FINISH
THICKNESS
UNLESS OTHERWISE SPECIFIED.
DRN
CHK
APPROVED
PRO/E FILE NO.
REVISIONS
REV
DESCRIPTIONS
DATE
APPROVED
DATA CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO EMERSON CONNECTIVITY SOLUTIONS AND SHALL NOT
BE DISCLOSED, COPIED OR USED FOR PROCUMENT OR
MANUFACTURE WITHOUT EXPRESS WRITTEN PERMISSION
TOL: UNLESS SPECIFIED.
MATERIAL:
NOTES: UNLESS OTHERWISE SPECIFIED.
QUALITY
MANUF
Connectivity Solutions
EMERSON
Network Power
TM
DWG NO.
SH
CUSTOMER
CUSTOMER P/N
CUST. REV
A
.030
2.00 MAXIMUM
.125
1.846
2.00 MAXIMUM
"B"
A
.030
TABLE 1
DASH
NO
CABLES
ACCOMMODATED
A
DIM
B
DIM
C
FLATS
D
FLATS
E
DIA
CABLE
ENTRY DIA
ASSEMBLE
PER
CABLE
TYPE
-7
TRC-50-2
TRC-75-2
1.165
.096
.438
.438
.500
.274
TAI-189
TRIAX
-8
8227, BELDEN
1.740
.130
.625
.688
.750
.345
TAI-103
TWINAX
-9
TWC-78-2
TWC-124-2
1.165
.096
.438
.438
.500
.285
TAI-102
-A9
BL782, TIMES
BL982, TIMES
BL1242, TIMES
3
3
-10
RG-22
754E, AT
&T
1.740
.130
.625
.688
.750
.455
TAI-103
-11
760A, AT
&T
.347
-12
16PEVL, AT
&T
V1-AL, GENERAL
.485
TAI-128
-13
TRF-59, TIMES
.362
TAI-129
TRIAX
-13A
8232, BELDEN
.352
TAI-165
-14
8233, BELDEN
.490
TAI-129
-23
250-3884, MICRODOT
1.165
.096
.438
.438
.500
.183
TAI-189
-24
202-3934, MICRODOT
.191
TAI-102
TWINAX
-24A
9530A5117, RAYCHEM
.200
TAI-189
TRIAX
-25
T-43M, GENERAL
.285
TAI-102
TWINAX
-25A
5021H5331, RAYCHEM
TAI-189
TRIAX
-26
7028A5518, RAYCHEM
.191
-27
T19TPSJ2619EN, WOVEN
202-3927, MICRODOT
202-3942, MICRODOT
.145
TAI-102
TWINAX
-29
TWC-78-1/TWC-124-1A
.191
-30
761A, AT
&T
8441, BELDEN
.235
-32
TRC-50-1
.191
TAI-189
TRIAX
-33
TRC-75-1
.217
-42
21-204, ESSEX
4463, CONSOLIDATED
.300
-43
250-4044/250-4045
293-3930, MICRODOT
.200
-45
M27500-22TE2T14
1100-66F, STANDARD
.183
TAI-102
TWINAX
-46
9860, BELDEN
1.740
.130
.625
.688
.750
.475
TAI-103
-47
M17/176-00002
1.165
.096
.438
.438
.500
.164
TAI-102
-49
TWAC-78-1F2
.132
-54
89207, BELDEN
1.740
.130
.625
.688
.750
.323
TAI-103
-55
89272, BELDEN
1.165
.096
.438
.438
.500
.250
TAI-102
-56
GC875GCI, GRUMMAN
.191
TAI-189
TRIAX
-57
GC875GB1, GRUMMAN
-58
GC875TM24H, GRUMMAN
.198
TAI-102 QUADRAX
-59
GC875LN1, GRUMMAN
TAI-189
TRIAX
-60
M17/177, THERMATICS
380-10045, BOEING
.217
-64
7528A5314, RAYCHEM
.183
PL375 / PL375S
PL375BR / PL375SBR
315-0011
AD
1/1
5/23/73
1 OF 2
CSM
8/1/11
BPK
7/29/11
315-0011
ECO 52460
AD
6/18/10
CSM
SURFACE AREA
N/A
BLANK LENGTH
(REF. ONLY)
N/A
315-0011
1
6
IF SAFETY WIRE TYPE
& BEND RELIEF SPRING REQD
ADD SUFFIX "SBR" TO MODEL NO
(NOT AVAILABLE WITH CABLE GROUPS
-8, -10, -11, -12, -13,-13A, -14, -46,
& -54)
5
IF BEND RELIEF SPRING REQD (SEE FIG 2) ADD
SUFFIX "BR" TO MODEL NO (NOT AVAILABLE WITH CABLE
GROUPS -8, -10, -11, -12, -13, -13A, -14, -46,
& -54)
4.
IF SAFETY WIRE TYPE REQD ADD SUFFIX "S"
TO MODEL NO (PL375S)
3
CLAMP NUT OMITTED
2.
CONCENTRIC TWINAX/TRIAX TRT CABLE PLUG
FINISH: TFS-1A (NICKEL)
7.
EXAMPLE OF COMPLETE MODEL NO:
PL375 S -7 BR
BASIC MODEL NO
BEND RELIEF
(OMIT IF NOT REQD)
SAFETY WIRE TYPE
DASH NO
(OMIT IF NOT REQD)
(CABLE GROUP, TABLE 1)
SAFTEY WIRE
OPTION
PL375-9BR SHOWN
PL375S-9 SHOWN
5
6
5
6
3
.029
.002
3 PLACES
EQUALLY SPACED
"D" WRENCH FLATS
"C" HEX SIZE
.650 MAXIMUM
OVER KNURL
"E" BODY DIAMETER
CABLE ENTRY
"D" WRENCH FLATS
.XX
.02
.XXX
.010
.XXXX
.0010
ANGLE
1
00'
CRITICAL
1
1


Similar Part No. - PL375S

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PL375-47 EMERSON-NETWORKPOWER-PL375-47 Datasheet
5Mb / 100P
Military, Space and Testing Equipment
logo
List of Unclassifed Man...
PL375-47 ETC-PL375-47 Datasheet
2Mb / 141P
RF interconnect products
logo
Emerson Network Power
PL375-47 EMERSON-NETWORKPOWER-PL375-47 Datasheet
5Mb / 100P
Military, Space and Testing Equipment
PL375-60 EMERSON-NETWORKPOWER-PL375-60 Datasheet
5Mb / 100P
Military, Space and Testing Equipment
logo
List of Unclassifed Man...
PL375-60 ETC-PL375-60 Datasheet
2Mb / 141P
RF interconnect products
More results

Similar Description - PL375S

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N7782B HP-N7782B Datasheet
116Kb / 6P
PER Analyzer
logo
Amphenol Corporation
04410310001 AMPHENOL-04410310001 Datasheet
203Kb / 1P
RELEASE DRAWING CHANGE PER
logo
Honeywell Accelerometer...
FRN91-25BB HONEYWELL-ACC-FRN91-25BB Datasheet
103Kb / 1P
INTERPRET PER ASME Y14.5M-1994 OTHER HONEYWELL ENGINEERING STANDARDS MAY APPLY
logo
List of Unclassifed Man...
NPC-1201 ETC2-NPC-1201 Datasheet
1Mb / 1P
Unless specified on the drawing, tolerances are per the follows
logo
STMicroelectronics
TN1180 STMICROELECTRONICS-TN1180 Datasheet
151Kb / 9P
How to interpret pressure and temperature readings in pressure sensors
27-May-2014
logo
CSB Battery Co., Ltd.
GP12650 CSB-BATTERY-GP12650_16 Datasheet
782Kb / 2P
Cells Per Unit 6 Voltage Per Unit 12
GPL12750 CSB-BATTERY-GPL12750_16 Datasheet
694Kb / 2P
Cells Per Unit 6 Voltage Per Unit 12
HR1290W CSB-BATTERY-HR1290W_16 Datasheet
2Mb / 2P
Cells Per Unit 6 Voltage Per Unit 12
HRL12540W CSB-BATTERY-HRL12540W_16 Datasheet
2Mb / 2P
Cells per unit 6 Voltage per unit 12
logo
List of Unclassifed Man...
LDX-6515DS-VTM ETC-LDX-6515DS-VTM Datasheet
161Kb / 2P
VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com