Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385ECT-L Datasheet(PDF) 8 Page - Exar Corporation

Part # SP385ECT-L
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP385ECT-L Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP385ECT-L Datasheet HTML 4Page - Exar Corporation SP385ECT-L Datasheet HTML 5Page - Exar Corporation SP385ECT-L Datasheet HTML 6Page - Exar Corporation SP385ECT-L Datasheet HTML 7Page - Exar Corporation SP385ECT-L Datasheet HTML 8Page - Exar Corporation SP385ECT-L Datasheet HTML 9Page - Exar Corporation SP385ECT-L Datasheet HTML 10Page - Exar Corporation SP385ECT-L Datasheet HTML 11Page - Exar Corporation SP385ECT-L Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP385E_100_030811
Charge Pump
The charge pump is a Exar–patented design
(5,306,954) and uses a unique approach
compared to older less–efficient designs. The
charge pump still requires four external capaci-
tors, but uses a four–phase voltage shifting
technique to attain symmetrical 10V power
supplies. There is a free–running oscillator
that controls the four phases of the voltage
shifting. A description of each phase follows.
Phase 1
— V
SS charge storage —During this phase of
the clock cycle, the positive side of capacitors
C1 and C2 are initially charged to +5V. Cl+
is then switched to ground and the charge in
C1– is transferred to C2–. Since C2+ is con-
nected to +5V, the voltage potential across
capacitor C2 is now 10V.
Phase 2
— V
SS transfer — Phase two of the clock con-
nects the negative terminal of C2 to the V
SS
storage capacitor and the positive terminal of
C2 to ground, and transfers the generated
–l0V to C3. Simultaneously, the positive side of
capacitor C 1 is switched to +5V and the nega-
tive side is connected to ground.
Phase 3
— V
DD charge storage — The third phase of
the clock is identical to the first phase — the
charge transferred in C1 produces –5V in the
negative terminal of C1, which is applied to the
negative side of capacitor C2. Since C2+ is at
+5V, the voltage potential across C2 is l0V.
Phase 4
— V
DD transfer — The fourth phase of the
clock connects the negative terminal of C2
to ground, and transfers the generated l0V
across C2 to C4, the V
DD storage capacitor.
Again, simultaneously with this, the positive
side of capacitor C1 is switched to +5V and
the negative side is connected to ground, and
the cycle begins again.
Since both V+ and V– are separately gener-
ated from V
CC; in a no–load condition V+ and
V– will be symmetrical. Older charge pump
approaches that generate V– from V+ will
show a decrease in the magnitude of V– com-
pared to V+ due to the inherent inefficiencies
in the design.
The clock rate for the charge pump typically
operates at 15kHz. The external capacitors
can be as low as 0.1µF with a 16V breakdown
voltage rating.
Figure 1. Charge Pump Waveform
+10V
a) C2+
GND
GND
b) C2–
–10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com