Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48821TLEVAL Datasheet(PDF) 16 Page - Texas Instruments

Part # LM48821TLEVAL
Description  Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48821TLEVAL Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM48821TLEVAL Datasheet HTML 12Page - Texas Instruments LM48821TLEVAL Datasheet HTML 13Page - Texas Instruments LM48821TLEVAL Datasheet HTML 14Page - Texas Instruments LM48821TLEVAL Datasheet HTML 15Page - Texas Instruments LM48821TLEVAL Datasheet HTML 16Page - Texas Instruments LM48821TLEVAL Datasheet HTML 17Page - Texas Instruments LM48821TLEVAL Datasheet HTML 18Page - Texas Instruments LM48821TLEVAL Datasheet HTML 19Page - Texas Instruments LM48821TLEVAL Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LM48821, LM48821TLEVAL
SNAS354 – JUNE 2007
www.ti.com
Table 4. Volume Control (continued)
VD4
VD3
VD2
VD1
VD0
Gain (dB)
0
1
1
0
0
–14
0
1
1
0
1
–12
0
1
1
1
0
–10
0
1
1
1
1
–8
1
0
0
0
0
–6
1
0
0
0
1
–4
1
0
0
1
0
–2
1
0
0
1
1
0
1
0
1
0
0
2
1
0
1
0
1
4
1
0
1
1
0
6
1
0
1
1
1
8
1
1
0
0
0
10
1
1
0
0
1
12
1
1
0
1
0
13
1
1
0
1
1
14
1
1
1
0
0
15
1
1
1
0
1
16
1
1
1
1
0
17
1
1
1
1
1
18
I2C COMPATIBLE INTERFACE
The LM48821 uses a serial data bus that conforms to the I2C protocol. Controlling the chip’s functions is
accomplished with two wires: serial clock (SCL) and serial data (SDA). The clock line is uni-directional. The data
line is bi-directional (open-collector). The maximum clock frequency specified by the I2C standard is 400kHz. In
this discussion, the master is the controlling microcontroller and the slave is the LM48821.
The bus format for the I2C interface is shown in Figure 57. The bus format diagram is broken up into six major
sections: The Start Signal, the I2C Address, an Acknowledge bit, the I2C data, second Acknowledge bit, and the
Stop Signal.
The start signal is generated by lowering the data signal while the clock signal is high. The start signal will alert
all devices attached to the I2C bus to check the incoming address against their own address.
The 8-bit chip address is sent next, most significant bit first. The data is latched in on the rising edge of the clock.
Each address bit must be stable while the clock level is high.
After the last bit of the address bit is sent, the master releases the data line high (through a pull-up resistor).
Then the master sends an acknowledge clock pulse. If the LM48821 has received the address correctly, then it
holds the data line low during the clock pulse. If the data line is not held low during the acknowledge clock pulse,
then the master should abort the rest of the data transfer to the LM48821. The 8 bits of data are sent next, most
significant bit first. Each data bit should be valid while the clock level is stable high.
After the data byte is sent, the master must check for another acknowledge to see if the LM48821 received the
data.
If the master has more data bytes to send to the LM48821, then the master can repeat the previous two steps
until all data bytes have been sent.
The stop signal ends the transfer. To signal stop , the data signal goes high while the clock signal is high. The
data line should be held high when not in use.
The LM48821's I2C address is shown in Table 2. The I2C data register and its control bit names are shown in
Table 3. The data values for the volume control are shown in Table 4.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LM48821 LM48821TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com