Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802S Datasheet(PDF) 2 Page - 3M Electronics

Part # SC802S
Description  Resistive Touch Screen Electronics
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SC802S Datasheet(HTML) 2 Page - 3M Electronics

  SC802S Datasheet HTML 1Page - 3M Electronics SC802S Datasheet HTML 2Page - 3M Electronics SC802S Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Resistive Touch Screen Electronics
SC Series
Part Numbers
Nominal Uncased
Dimensions
Communications Protocol
Touch Screen Support
Host Cable Length
(Pc99 Compatible)
Touch Screen Connection
Mean Time Between Failure (MTBF)
Electro-Static Discharge (ESD)
Relative Humidity
Storage Temperature
Operating Temperature
Power Requirements (Typical)
Regulatory
Drivers/Software
Warranty
* Above +36º C, reference controller
delivery specifications
SC401U
2.67” x 1.30” x 0.45”
67.8 x 33.0 x 11.4 mm
USB Rev 1.1, HID
4-wire Resistive
7319420: 96” Cable, Pearl, 5-pin
Connector
4-pin locking AMP
400,000 hours
8KV contact, 20KV Air
0-95% RH up to +36º C *
-20º to +75º C
0º to +65º C
USB Bus Powered
5Vdc ±10% 15 mA typical
CE, FCC, VCCI, RoHS,
AS/NZS 3548, UL/cUL
MT 7 (Windows 2000/XP),
MicroTouch USB-HID
Calibration Utility
3 Years
SC402S
2.72” x 1.57” x 0.45”
69.1 x 39.9 x 11.4 mm
Serial RS232 Plug and Play
4-wire Resistive
7319630: 96” Cable, Teal,
8-pin Connector
4-pin locking AMP
400,000 hours
8KV contact, 20KV Air
0-95% RH up to +36º C *
-20º to +75º C
0º to +65º C
5Vdc ±5% 16 mA typical
12Vdc ±5% 19 mA typical
CE, FCC, VCCI, RoHS,
AS/NZS 3548, UL/cUL
TouchWare 5.6sr4 and later
(Win 2000 XP, CE, Linux)
3 Years
SC501U
2.85” x 1.30” x 0.45”
72.4 x 33.0 x 11.4 mm
USB Rev 1.1, HID
5-wire Resistive
7319420: 96” Cable, Pearl, 5-pin
Connector
5-pin locking AMP
400,000 hours
8KV contact, 20KV Air
0-95% RH up to +36º C *
-20º to +75º C
0º to +65º C
USB Bus Powered
5Vdc ±10% 15 mA typical
CE, FCC, VCCI, RoHS,
AS/NZS 3548, UL/cUL
MT 7 (Windows 2000/XP),
MicroTouch USB-HID
Calibration Utility
3 Years
SC502S
2.77” x 1.57” x 0.45”
70.4 x 39.9 x 11.4 mm
Serial RS232 Plug and Play
5-wire Resistive
7319630: 96” Cable, Teal, 8-pin
Connector
5-pin locking AMP
400,000 hours
8KV contact, 20KV Air
0-95% RH up to +36º C *
-20º to +75º C
0ºC to +65º C
5Vdc ±5% 16 mA typical
12Vdc ±5% 19 mA typical
CE, FCC, VCCI, RoHS,
AS/NZS 3548, UL/cUL
TouchWare 5.6sr4 and later
(Win 2000 XP, CE, Linux)
3 Years
SC802S
2.82” x 1.57” x 0.45”
71.6 x 39.9 x 11.4 mm
Serial RS232 Plug and Play
8-wire Resistive
7319630 96” Cable, Teal, 8-pin
Connector
8-pin locking AMP
400,000 hours
8KV contact, 20KV Air
0-95% RH up to +36º C *
-20º to +75º C
0º to +65º C
5Vdc ±5% 16 mA typical
12Vdc ±5% 19 mA typical
CE, FCC, VCCI, RoHS,
AS/NZS 3548, UL/cUL
TouchWare 5.6sr4 and later
(Win 2000 XP, CE, Linux)
3 Years
SCX-ASIC
NA
USB Rev 1.1,
HID/Serial RS232 Plug and Play
4-, 5-, 8-wire Resistive
NA
Based on design
400,000 hours
8KV contact, 20KV Air
0-95RH up to +36º C*
-20º to +75º C
0º to +65º C
Based on design
l
CE, FCC, VCCI, RoHS,
AS/NZS 3548, UL/cUL L
MT 7 (Windows 2000/XP),
MicroTouch USB-HID
Calibration Utility.
TouchWare 5.6sr4 and later
(Win 2000 XP, CE, Linux)
1 Year
SC801U
2.75” x 1.30” x 0.45”
69.9 x 33.0 x 11.4 mm
USB Rev 1.1, HID
8-wire Resistive
7319420 96” Cable, Pearl, 5-pin
Connector
8-pin locking AMP
400,000 hours
8KV contact, 20KV Air
0-95RH up to +36º C *
-20º to +75º C
0º to +65º C
USB Bus Powered 5V
dc ±10% 15 mA typical
CE, FCC, VCCI, RoHS,
AS/NZS 3548, UL/cUL
MT 7 (Windows 2000/XP),
MicroTouch USB-HID
Calibration Utility
3 Years
ASIC Chipset
4-wire USB
4-wire Serial
5-wire USB
5-wire Serial
8-wire USB
8-wire Serial



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com