Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # ADP
Description  ADP Series Special for LCD Power supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

ADP Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  ADP Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. ADP Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
ADP
A/3-2012
Page 2 of 2
TYPICAL CHARECTERISTICS
Operating Temp.(
)
C
Temperature Derating Graph
60
80
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
MECHANICAL DIMMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMMENSIONS
Note
Unit mm inch
General tolerances:
inch
:
:
[]
0.2 5
0.010
]
Pin section tolerances
±
mm
±
inch
±
mm
±
: 0.10
[ 0.004]
[
Note:
Unit mm inch
General tolerances
:
[]
:
0.50mm [
0.020in ch]
±±
L
mm
inch
Devices per tube quantity
pcs
L
mm
inch
pcs
=5 30
[ 20.866
]
:
=2 20
[ 8.661
]
13
Devices per tube quantity5
:
Short tube inner packaging dimensions
mm
Short tube outer packaging dimensions with six inner packaging):
mm
Long tube inner packaging dimensions
mm
mm
mm
:255*170*8 0
;
( (
375*280*270
;
:580 *200*100
;
600*215*220
;
600*215*325
。
Long tube outer packaging dimensions(with two inner packaging):
Long tube outer packaging dimensions(with three inner packaging):
37.90[1. 492]
27.94[1. 100]
0.50 [0.020]
Φ 1.00[0.039]
22.86[0. 900]
17.78[0. 700]
12.70[ 0.500]
1 2 3 45
9 10 11 12
123 45
9 10 11 12
Note
grid 2.54*2.54mm
:
.
9.60
[ 0.378]
4.9 0[0.193]
Pin
FOOTPR IN T DETAILS
ADP05C24 ADP_A series
1
2
3
4
5
9
10
11
12
NC
Vin
GND
NC
NC
NC
NC
NC
Vout
NC
Vin
GND
ON/ OFF
A DJ
NC
NC
NC
Vout
Discript ion
No conne ct ion
I nput
Common groud
Cont rol
Out put adjust
Out put
No conne ct ion
No conne ct ion
No conne ct ion
(Front View)
(Bottom View)
RECOMMENDED CIRCUIT
LCD DC/DC CONVERTER
Vin:5
12VD C Vou t:X XXVDC
~
CNY YWW
ADP05XX XXA
MORNSUN
RL
Vin
GND
Vout
+
Cin
Cout
RL
Vin
GND
Vout
+
Cin
Cout
LCD DC/DC CO NVERTER
Vi n:5
12VD C Vout:XXXVDC
~
CNYYWW
ADP05C24
MORN SUN
W
2 0K
Note: 1. When use the convertor, filter capacitors should be connected to the input and output end, to reduce ripple and noise.
2. Output voltage adjustor
“W” is recommended to use 20KΩ, when “W”=0Ω, IVoutI=max; “W”=20KΩ, IVoutI=min.
3. ON/OFF function: when switch close, natural output; when switch open, output shutdown.
4. ADJ pin is not allowed to open, or it may cause damage to the device.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com