Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60SY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3L60SY
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60SY Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3L60SY Datasheet HTML 1Page - STMicroelectronics STPS3L60SY Datasheet HTML 2Page - STMicroelectronics STPS3L60SY Datasheet HTML 3Page - STMicroelectronics STPS3L60SY Datasheet HTML 4Page - STMicroelectronics STPS3L60SY Datasheet HTML 5Page - STMicroelectronics STPS3L60SY Datasheet HTML 6Page - STMicroelectronics STPS3L60SY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS3L60-Y
4/7
Doc ID 17537 Rev 1
Figure 11.
Thermal resistance junction to ambient versus copper surface under each lead
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values)
0
5
10 15 20 25 30 35 40 45 50 55 60
1E-3
1E-2
1E-1
1E+0
1E+1
5E+1
IR(mA)
VR(V)
Tc=25°C
Tc=75°C
Tc=100°C
Tc=125°C
Tc=150°C
Tc=50°C
1
10
100
10
20
50
100
200
500
C(pF)
F=1MHz
Tj=25°C
VR(V)
Figure 9.
Forward voltage drop versus
forward current (low level,
maximum values)
Figure 10.
Forward voltage drop versus
forward current (high level,
maximum values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
IFM(A)
Tj=25°C
Tj=125°C
Tj=150°C
(typical values)
VFM(V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
2
5
10
20
IFM(A)
VFM(V)
Tj=25°C
Tj=125°C
Tj=150°C
(typical values)
012345
0
20
40
60
80
100
Rth(j-a) (°C/W)
S(Cu) (cm²)
Epoxy printed circuit board FR4,
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com