Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP2T-680-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UP2T-680-R
Description  6000 Park of Commerce Blvd, Boca Raton, FL 33487
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UP2T-680-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UP2T-680-R Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UniPac2T (UP2T) Family Table
Part Number
Rated Inductance (
µµµµH)
OCL nominal +/-20% (
µµµµH)
IRMS Amperes
for approximately a
∆∆∆∆T of
40
°°°°C. @ an ambient
temperature of 85
°°°°C
ISAT Amperes Peak
for approximately 10% rolloff.
DCR (
Ω) max.
@ 20
°°°°C.
UP2T-R47
.470
.595
10.6
11.4
.0064
UP2T-1R0
1.0
1.00
9.3
9.9
.0074
UP2T-1R5
1.5
1.46
8.3
7.9
.0096
UP2T-2R2
2.2
2.56
7.2
6.1
.0132
UP2T-3R3
3.3
3.23
6.5
5.1
.0141
UP2T-4R7
4.7
4.77
5.5
4.2
.0182
UP2T-6R8
6.8
6.63
5.0
3.6
.0222
UP2T-100
10.0
9.73
4.3
3.3
.0280
UP2T-150
15.0
15.43
3.5
2.4
.0450
UP2T-220
22.0
22.50
2.8
2.0
.0647
UP2T-330
33.0
33.13
2.1
1.7
.0917
UP2T-470
47.0
48.65
1.7
1.4
.1388
UP2T-680
68.0
68.17
1.5
1.2
.1787
UP2T-101
100.0
102.60
1.2
.95
.2707
UP2T-151
150.0
152.70
1.0
.78
.3915
UP2T-221
220.0
240.40
.75
.61
.7088
UP2T-331
330.0
324.70
.68
.53
.8783
UP2T-471
470.0
470.60
.55
.44
1.13
OCL (Open Circuit Inductance)
Test parameters: 100KHz,
.25Vrms, 0.0Adc.
Part number definition:
First 4 characters = Product code and size.
Last 3 characters = Inductance in
µµµµH. R=decimal point.
If no R is present third character = # of zeros.
COILTRONICS, INCORPORATED
6000 Park of Commerce Blvd, Boca Raton, FL 33487
UniPac2T (UP2T) Thru Hole Inductor Line
9.9 mm max height.
FAMILY TABLE.
SIZE Drawing Number:
UP2T Inductor Line
A
Revision Level:
A
Sheet 4 of 22


Similar Part No. - UP2T-680-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
UP2-AH-1-TH CUI-UP2-AH-1-TH Datasheet
288Kb / 3P
USB PLUG
UP2-AH-1-TH CUI-UP2-AH-1-TH Datasheet
314Kb / 3P
USB PLUG
04/07/2022
logo
Same Sky Devices
UP2-AH-1-TH SAMESKY-UP2-AH-1-TH Datasheet
262Kb / 3P
USB PLUG
09/12/2024
logo
CUI INC
UP2-AH-2-TH CUI-UP2-AH-2-TH Datasheet
288Kb / 3P
USB PLUG
UP2-AH-4-TH CUI-UP2-AH-4-TH Datasheet
314Kb / 3P
USB PLUG
04/07/2022
More results

Similar Description - UP2T-680-R

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH1508AM NIEC-PGH1508AM Datasheet
216Kb / 3P
Park of diode Bridge & Thyristor
logo
Broadcom Corporation.
BCM5821 BOARDCOM-BCM5821 Datasheet
122Kb / 2P
SUPER E-COMMERCE PROCESSOR
BCM5820 BOARDCOM-BCM5820 Datasheet
127Kb / 2P
E-COMMERCE PROCESSOR
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615SW Allen Blvd
logo
Samtec, Inc
BBL-104-G-E SAMTEC-BBL-104-G-E Datasheet
146Kb / 1P
520 PARK EAST BLVD. NEW ALBANY, INDIANA 47150 PHONE (821) 944-6733 P.O. BOX 1147 CODE 55322
logo
List of Unclassifed Man...
CTX02-14659 ETC2-CTX02-14659 Datasheet
266Kb / 1P
3601 Quantum Blvd, Boynton Beach, FL 33426
logo
Samtec, Inc
SDL-118-T-12 SAMTEC-SDL-118-T-12 Datasheet
118Kb / 1P
520 PARK EAST BLVD. NEW ALBANY, INDIANA 47151-1147 PHONE
SDL-106-T-11 SAMTEC-SDL-106-T-11 Datasheet
118Kb / 1P
520 PARK EAST BLVD, NEW ALBNY, INDIANA 47151-1147
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
logo
List of Unclassifed Man...
GE1LU032SS ETC-GE1LU032SS Datasheet
407Kb / 4P
GE RV park power equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com