Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK120C10R Datasheet(PDF) 23 Page - STMicroelectronics

Part # LDK120C10R
Description  200 mA low quiescent current very low noise LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120C10R Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LDK120C10R Datasheet HTML 16Page - STMicroelectronics LDK120C10R Datasheet HTML 17Page - STMicroelectronics LDK120C10R Datasheet HTML 18Page - STMicroelectronics LDK120C10R Datasheet HTML 19Page - STMicroelectronics LDK120C10R Datasheet HTML 20Page - STMicroelectronics LDK120C10R Datasheet HTML 21Page - STMicroelectronics LDK120C10R Datasheet HTML 22Page - STMicroelectronics LDK120C10R Datasheet HTML 23Page - STMicroelectronics LDK120C10R Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DocID023965 Rev 5
23/24
LDK120
Revision history
10
Revision history
Table 13. Document revision history
Date
Revision
Changes
26-Nov-2012
1
Initial release
31-Jan-2013
2
Added new part number LDK120PU32R
Updated Table 11 on page 22
18-Oct-2013
3
RPN LDK120xx changed to LDK120.
Updated the Features and the Description in cover page.
Cancelled Table1: Device summary.
Updated Section 7: Package mechanical data, Table 2: Absolute
maximum ratings and Table 11: Order codes.
Added Section 8: Packaging mechanical data.
Minor text changes.
10-Mar-2014
4
Updated Table 11: Order codes.
29-Apr-2014
5
Updated Table 1: Pin description (SOT23-5L, SOT323-5L), Table 4:
Electrical characteristics for LDK120 (fixed version), Table 5:
Electrical characteristics for LDK120 (adjustable version), Table 11:
Order codes and Table 12: Marking.
Added Figure 4: Typical application circuits for D version.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com