Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK120DM33R Datasheet(PDF) 22 Page - STMicroelectronics

Part # LDK120DM33R
Description  200 mA low quiescent current very low noise LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120DM33R Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LDK120DM33R Datasheet HTML 16Page - STMicroelectronics LDK120DM33R Datasheet HTML 17Page - STMicroelectronics LDK120DM33R Datasheet HTML 18Page - STMicroelectronics LDK120DM33R Datasheet HTML 19Page - STMicroelectronics LDK120DM33R Datasheet HTML 20Page - STMicroelectronics LDK120DM33R Datasheet HTML 21Page - STMicroelectronics LDK120DM33R Datasheet HTML 22Page - STMicroelectronics LDK120DM33R Datasheet HTML 23Page - STMicroelectronics LDK120DM33R Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Order codes
LDK120
22/24
DocID023965 Rev 5
9
Order codes
Table 11. Order codes
Packages
Output
voltages
SOT323-5L
SOT23-5L
DFN6L
LDK120C-R
LDK120M-R
LDK120PU-R
ADJ
LDK120C08R
LDK120M08R
LDK120PU08R
0.8 V
LDK120C10R
LDK120M10R
LDK120PU10R
1.0 V
LDK120C11R
LDK120M11R
1.1 V
LDK120C12R
LDK120M12R
1.2 V
LDK120C15R
LDK120M15R
1.5 V
LDK120C18R
LDK120M18R
1.8 V
LDK120C25R
LDK120M25R
LDK120PU25R
2.5 V
LDK120C28R
LDK120M28R
2.8 V
LDK120M29R
LDK120PU29R
2.9 V
LDK120C30R
LDK120M30R
LDK120PU30R
3.0 V
LDK120C31R
LDK120M31R
3.1 V
LDK120C32R
LDK120M32R
LDK120PU32R
3.2 V
LDK120DM33R
3.3 V
LDK120C33R
LDK120M33R
3.3 V
LDK120C35R
3.5 V
Table 12. Marking
Order codes
Packages
Output voltages
Marking
LDK120DMxxR
SOT23-5L
xx V
Dxx
LDK120MxxR
SOT23-5L
xx V
Kxx
LDK120CxxR
SOT323-5L
xx V
Kxx
LDK120PUxxR
DFN-6L
xx V
xx
LDK120M-R
SOT23-5L
Adj
KAD
LDK120C-R
SOT323-5L
Adj
KAD
LDK120PU-R
DFN-6L
Adj
AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com