Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF2147D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2147D
Description  157 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2147D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2147D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2147D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2147D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2147D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2147D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 5
©2010 by RF Monolithics, Inc.
SF2147D - 6/25/10
Filter S11, S22 and S21 Plots
CH1
S11
1 U FS
CENTR
157
. 000
MHz
SP AN
80 . 000
MHz
Cor
Smo
PRm
CH2
S21
LOG
10 dB/
REF -7.591 dB
CENTER
157 . 000
000
MHz
SPAN
80 . 000
000
MHz
Cor
PRm
CH3
S22
1 U FS
CENTR
157 . 000
MHz
SPA N
80 . 000
MHz
Cor
18 Mar 2008 08:56:55
1
1 : 26 . 063
42 . 984
43 . 574
nH
157 . 000
000
MHz
1
2
3
4
1 : 0. 0000
dB
0 . 000
000
MHz
Max
REF =1
CH2
Mark ers
BW :
24 . 974611
MHz
cent
:
157
. 155271
MHz
Q: 6 . 2926
1_ l oss
: -7 . 5919
dB
1
1: 56 . 891
14 . 068
14 . 261
nH
157 . 000
000
MHz
SF2147D demo1
Ful l
Ful l
CH1
S21
DEL
50 ns/
REF 500 ns
CENTER
157 . 000
000
MHz
S PAN
80 . 000
000
MHz
Cor
Sm o
PRm
CH2
S21
LOG
10 dB /
REF -60 dB
Cor
PRm
18 Mar 20 08 08 :53 :33
1
2
2 : 10 . 214
ns
20 . 000
000
MHz
RE F=1
CH1
Markers
mean
: 184
. 58
ns
s . dev
: 4 . 2567
ns
p- p
: 15 . 411
ns
1
2
3
3 : - . 58060
dB
-20
. 000
000
MHz
RE F=2
CH2
Markers
mean
: -8 . 0679
dB
s . dev
: . 24710
dB
p- p
: 1. 1408
dB
SF2147D demo1
Full
Full
Filter Passband Group Delay and Amplitude Plots



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com