Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL065 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL065
Description  Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL065 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC12DL065 Datasheet HTML 17Page - Texas Instruments ADC12DL065 Datasheet HTML 18Page - Texas Instruments ADC12DL065 Datasheet HTML 19Page - Texas Instruments ADC12DL065 Datasheet HTML 20Page - Texas Instruments ADC12DL065 Datasheet HTML 21Page - Texas Instruments ADC12DL065 Datasheet HTML 22Page - Texas Instruments ADC12DL065 Datasheet HTML 23Page - Texas Instruments ADC12DL065 Datasheet HTML 24Page - Texas Instruments ADC12DL065 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ADC12DL065
www.ti.com
SNAS249C – MARCH 2005 – REVISED MAY 2005
Signal Inputs
The signal inputs are VIN A+ and VINA− for one ADC and VINB+ and VINB− for the other ADC . The input signal,
VIN, is defined as
VIN A = (VINA+) – (VINA−)
(10)
for the "A" converter and
VIN B = (VINB+) – (VINB−)
(11)
for the "B" converter. Figure 3 shows the expected input signal range. Note that the common mode input voltage,
VCM, should be in the range of 0.5V to 2.0V.
The peaks of the individual input signals should each never exceed 2.6V.
The ADC12DL065 performs best with a differential input signal with each input centered around a common mode
voltage, VCM. The peak-to-peak voltage swing at each analog input pin should not exceed the value of the
reference voltage or the output data will be clipped.
The two input signals should be exactly 180° out of phase from each other and of the same amplitude. For single
frequency inputs, angular errors result in a reduction of the effective full scale input. For complex waveforms,
however, angular errors will result in distortion.
Figure 3. Expected Input Signal Range
For single frequency sine waves the full scale error in LSB can be described as approximately
EFS = 4096 ( 1 - sin (90° + dev))
(12)
Where dev is the angular difference in degrees between the two signals having a 180° relative phase relationship
to each other (see Figure 4). Drive the analog inputs with a source impedance less than 100
Ω.
Figure 4. Angular Errors Between the Two Input Signals Will Reduce the Output Level or Cause
Distortion
For differential operation, each analog input pin of the differential pair should have a peak-to-peak voltage equal
to the reference voltage, VREF, be 180 degrees out of phase with each other and be centered around VCM.
Single-Ended Operation
Performance with differential input signals is better than with single-ended signals. For this reason, single-ended
operation is not recommended. However, if single ended-operation is required and the resulting performance
degradation is acceptable, one of the analog inputs should be connected to the d.c. mid point voltage of the
driven input. The peak-to-peak differential input signal at the driven input pin should be twice the reference
voltage to maximize SNR and SINAD performance (Figure 3b). For example, set VREF to 0.5V, bias VIN− to 1.0V
and drive VIN+ with a signal range of 0.5V to 1.5V.
Because very large input signal swings can degrade distortion performance, better performance with a single-
ended input can be obtained by reducing the reference voltage when maintaining a full-range output. Table 2 and
Table 3 indicate the input to output relationship of the ADC12DL065.
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC12DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com