Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS7004TA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BAS7004TA
Description  SOT23 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BAS7004TA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BAS7004TA Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 SILICON PLANAR DUAL
SCHOTTKY BARRIER DIODES
ISSUE 3 - JULY 1995
7
.
SERIES PAIR
COMMON CATHODE
COMMON ANODE
Device Type: BAS70-04
Device Type: BAS70-05
Device Type: BAS70-06
Partmarking Detail: 2Z
Partmarking Detail: 2Z5 Partmarking Detail: 1Z
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX. UNIT
CONDITIONS.
Breakdown Voltage
VBR
70
V
IR=10µA
Reverse Leakage Current IR
200
nA
VR=50V
Forward Voltage
VF
410
mV
IF=1mA
Forward Current
IF
15
mA
VF=1V
Capacitance
CT
2.0
pF
f=1MHz, VR=0
Effective Minority Lifetime
(1)
τ
100
ps
f=54MHz, Ipk= 20mA
(Krakauer Test Method)
(1) Sample Test
For typical characteristics graphs see ZC2800E datasheet.
1
3
2
SOT23
BAS70-04
BAS70-05
BAS70-06
1
2
3
1
3
2
1
3
2
3 - 3


Similar Part No. - BAS7004TA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BAS7004 COMCHIP-BAS7004 Datasheet
447Kb / 2P
Small Signal Schottky Diodes
logo
AiT Semiconductor Inc.
BAS7004 AITSEMI-BAS7004 Datasheet
265Kb / 5P
SCHOTTKY DIODES 70mA, 70V
REV1.0
logo
Comchip Technology
BAS7004-G COMCHIP-BAS7004-G Datasheet
447Kb / 2P
Small Signal Schottky Diodes
logo
Motorola, Inc
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
CASE 318-08, STYLE 12 SOT-23 TO-236AB
logo
Infineon Technologies A...
BAS7004SH6327XTSA1 INFINEON-BAS7004SH6327XTSA1 Datasheet
289Kb / 23P
Silicon Schottky Diode
2006-01-19
More results

Similar Description - BAS7004TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMV2101 ZETEX-FMMV2101 Datasheet
48Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
FMMV2108 ZETEX-FMMV2108 Datasheet
58Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
logo
Diodes Incorporated
ZC2811ETA DIODES-ZC2811ETA Datasheet
106Kb / 3P
SOT23 SCHOTTKY BARRIER DIODES
MARCH 1995
BAT54TA DIODES-BAT54TA Datasheet
113Kb / 2P
SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
SEPTEMBER 1995
ZC2800ETA DIODES-ZC2800ETA Datasheet
106Kb / 3P
SOT23 SCHOTTKY BARRIER DIODES
MARCH 1995
logo
Continental Device Indi...
BAT42WS CDIL-BAT42WS Datasheet
378Kb / 4P
SILICON PLANAR SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
ZUMD7004 DIODES-ZUMD7004 Datasheet
37Kb / 1P
SOT323 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
NOVEMBER 1998
ZC2800 DIODES-ZC2800 Datasheet
585Kb / 3P
SOT23 SCHOTTKY BARRIER DIODES
MARCH 1995
logo
List of Unclassifed Man...
FMMV2101TA ETC2-FMMV2101TA Datasheet
52Kb / 1P
SOT23 SILICON PLANAR VARIABLE CAPACITANCE DIODES
logo
Diodes Incorporated
BAT54SRS DIODES-BAT54SRS_15 Datasheet
113Kb / 2P
SOT23 SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
SEPTEMBER 1995
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com