Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA40AB Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTA40AB
Description  STANDARD TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40AB Datasheet(HTML) 2 Page - STMicroelectronics

  BTA40AB Datasheet HTML 1Page - STMicroelectronics BTA40AB Datasheet HTML 2Page - STMicroelectronics BTA40AB Datasheet HTML 3Page - STMicroelectronics BTA40AB Datasheet HTML 4Page - STMicroelectronics BTA40AB Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth (j-c) DC Junction to case for DC
1.2
°C/W
Rth (j-c) AC Junction to case for 360
° conduction angle ( F= 50 Hz)
0.9
°C/W
Symbol
Test Conditions
Quadrant
Suffix
Unit
AB
IGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
I-II-III
MAX
100
50
mA
IV
MAX
150
100
VGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
I-II-III-IV
MAX
1.5
V
VGD
VD=VDRM RL=3.3kΩ
Tj=125
°C
I-II-III-IV
MIN
0.2
V
tgt
VD=VDRM IG = 500mA
dIG/dt = 3A/µs
Tj=25
°C
I-II-III-IV
TYP
2.5
µs
IL
IG=1.2 IGT
Tj=25
°C
I-III-IV
TYP
70
60
mA
II
200
180
IH *IT= 500mA gate open
Tj=25
°C
MAX
100
80
mA
VTM *ITM= 60A tp= 380µs
Tj=25
°C
MAX
1.8
V
IDRM
IRRM
VDRM Rated
VRRM Rated
Tj=25
°C
MAX
0.01
mA
Tj=125
°C
MAX
6
dV/dt *
Linear slope up to VD=67%VDRM
gate open
Tj=125
°C
MIN
250
V/
µs
(dV/dt)c *
(dI/dt)c = 18A/ms
Tj=125
°C
MIN
10
V/
µs
* For either polarity of electrode A2 voltage with reference to electrode A1.
PG (AV) =1W
PGM = 40W (tp = 20 µs)
IGM =8A (tp =20 µs)
VGM = 16V (tp = 20 µs).
ELECTRICAL CHARACTERISTICS
THERMAL RESISTANCES
BTA40 A/B
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com