Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBC10DRAS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EBC10DRAS
Description  EDGECARD, .100 CC LP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EBC10DRAS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EBC10DRAS Datasheet HTML 1Page - List of Unclassifed Manufacturers EBC10DRAS Datasheet HTML 2Page - List of Unclassifed Manufacturers EBC10DRAS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pb
RoHS COMPLIANT
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
E
F
E
F
DIMENSIONS ARE IN INCHES[MM]
TOLERANCES:
ANGULAR:
30'
.XX= .02 [.508]
.XXX= .005 [.1270]
.XXXX= .0005 [.0127]
SURFACE FINISH: 63 Ra
REMOVE ALL BURRS AND SHARP EDGES .010 MAX
INTERPRET DIMENSIONS AND GEOMETRIC
TOLERANCING
PER: ANSI Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DATE
NAME
DRAWN
SIZE
C
DWG. NO.
REV
SHEET 3 OF 3
SCALE: 4:1
MNH
C10876
C
THE INFORMATION HEREIN CONTAINS
PROPIETARY INFORMATION OF
SULLINS ELECTRONICS AND IS NOT
TO BE REPRODUCED, USED OR
DISCLOSED TO OTHERS FOR ANY
PURPOSE EXCEPT AS SPECIFICALLY
AUTHORIZED IN WRITING BY AN
OFFICER OF SULLINS ELECTRONICS.
EDGECARD, .100 CC LP
_ _ C _ _ DRA _
FILE NAME: Z:\COMPONENTS\Part Assemblies\Customer Drawings\Customer Drawings for Catalog\C10876, _ _C_ _DRA_ PRINT: 5/8/2008
DESCRIPTION
01-19-07
PART NUMBER
CUSTOMER COPY
PART
NUMBER
IN
MM
IN
MM
IN
MM
IN
MM
IN
MM
IN
MM
_ _ C04DRA _ *
4
0.300
7.62
0.500
12.70
0.675
17.15
0.975
24.77
1.275
32.39
_ _ C05DRA _
5
0.400
10.16
0.600
15.24
0.775
19.69
1.075
27.31
1.375
34.93
_ _ C06DRA _
6
0.500
12.70
0.700
17.78
0.875
22.23
1.175
29.85
1.475
37.47
_ _ C07DRA _
7
0.600
15.24
0.800
20.32
0.975
24.77
1.275
32.39
1.575
40.01
_ _ C08DRA _
8
0.700
17.78
0.900
22.86
1.075
27.31
1.375
34.93
1.675
42.55
_ _ C10DRA _
10
0.900
22.86
1.100
27.94
1.275
32.39
1.575
40.01
1.875
47.63
_ _ C12DRA _
12
1.100
27.94
1.300
33.02
1.475
37.47
1.775
45.09
2.075
52.71
_ _ C13DRA _
13
1.200
30.48
1.400
35.56
1.575
40.01
1.875
47.63
2.175
55.25
_ _ C15DRA _
15
1.400
35.56
1.600
40.64
1.775
45.09
2.075
52.71
2.375
60.33
_ _ C17DRA _
17
1.600
40.64
1.800
45.72
1.975
50.17
2.275
57.79
2.575
65.41
_ _ C18DRA _
18
1.700
43.18
1.900
48.26
2.075
52.71
2.375
60.33
2.675
67.95
_ _ C19DRA _
19
1.800
45.72
2.000
50.80
2.175
55.25
2.475
62.87
2.775
70.49
_ _ C20DRA _
20
1.900
48.26
2.100
53.34
2.275
57.79
2.575
65.41
2.875
73.03
_ _ C22DRA _
22
2.100
53.34
2.300
58.42
2.475
62.87
2.775
70.49
3.075
78.11
_ _ C23DRA _ *
23
2.200
55.88
2.400
60.96
2.575
65.41
2.875
73.03
3.175
80.65
_ _ C25DRA _
25
2.400
60.96
2.600
66.04
2.775
70.49
3.075
78.11
3.375
85.73
_ _ C26DRA _
26
2.500
63.50
2.700
68.58
2.875
73.03
3.175
80.65
3.475
88.27
_ _ C28DRA _
28
2.700
68.58
2.900
73.66
3.075
78.11
3.375
85.73
3.675
93.35
_ _ C30DRA _
30
2.900
73.66
3.100
78.74
3.275
83.19
3.575
90.81
3.875
98.43
_ _ C31DRA _
31
3.000
76.20
3.200
81.28
3.375
85.73
3.675
93.35
3.975
100.97
_ _ C35DRA _
35
3.400
86.36
3.600
91.44
3.775
95.89
4.075
103.51
4.375
111.13
_ _ C36DRA _
36
3.500
88.90
3.700
93.98
3.875
98.43
4.175
106.05
4.475
113.67
_ _ C40DRA _
40
3.900
99.06
4.100
104.14
4.275
108.59
4.575
116.21
4.875
123.83
_ _ C43DRA _
43
4.200 106.68
4.400
111.76
4.575
116.21
4.875
123.83
5.175
131.45
_ _ C44DRA _
44
4.300 109.22
4.500
114.30
4.675
118.75
4.975
126.37
5.275
133.99
_ _ C49DRA _
49
4.800 121.92
5.000
127.00
5.175
131.45
5.475
139.07
5.775
146.69
_ _ C50DRA _
50
4.900 124.46
5.100
129.54
5.275
133.99
5.575
141.61
5.875
149.23
_ _ C52DRA _ *
52
5.100 129.54
5.300
134.62
5.475
139.07
5.775
146.69
6.075
154.31
_ _ C60DRA _
60
5.900 149.86
6.100
154.94
6.275
159.39
6.575
167.01
6.875
174.63
_ _ C65DRA _
65
6.400 162.56
6.600
167.64
6.775
172.09
7.075
179.71
7.375
187.33
* CONSULT FACTORY FOR AVAILABILITY
8.38
10.16
E±.020[0.51]
F±.005[0.13]
D±.010[0.25]
NO. OF
POS.
0.330
0.400
A±.008[0.20]
B±.008[0.20]
C±.015[0.38]
PART NUMBER CODING
_ _ C _ _ DRA _
MATERIAL (INSULATOR/CONTACT)
MOUNTING STYLE
E = PBT/PHOSPHOR BRONZE
H = .125" DIA. CLEARANCE HOLES (PAGE 1)
OPERATING TEMP: -65°C TO +125°C
NUMBER OF POSITIONS
I = #4-40 THREADED INSERT (PAGE 2)
PROCESSING TEMP: 260°C FOR 10 SECS MAX
(CONTACTS PER ROW)
S = .125" DIA. SIDE MOUNTING (PAGE 2)
R = PPS/PHOSPHOR BRONZE
N = NO MOUNTING EARS (PAGE 2)
OPERATING TEMP: -65°C TO +125°C
F = FLOATING BOBBIN (PAGE 2)
PROCESSING TEMP: 260°C FOR 120 SECS MAX
B = OPEN ENDED (PAGE 2)
G = PA9T/PHOSPHOR BRONZE
PLATING
OPERATING TEMP: -65°C TO +125°C
ALL PLATINGS ARE LEAD FREE AND HAVE .000050" NICKEL UNDERPLATE
PROCESSING TEMP: 260°C FOR 120 SECS MAX
CONTACT SURFACE
TERMINATION
H = PBT/BERYLLIUM COPPER
G = .000010" GOLD
.000005" GOLD
OPERATING TEMP: -65°C TO +125°C
Y = .000030" GOLD
.000005" GOLD
PROCESSING TEMP: 260°C FOR 10 SECS MAX
B = .000010" GOLD
.000100" PURE TIN, MATTE
A = PPS/BERYLLIUM COPPER
C = .000030" GOLD
.000100" PURE TIN, MATTE
OPERATING TEMP: -65°C TO +150°C
**E = .000100" PURE TIN, MATTE, OVERALL
PROCESSING TEMP: 260°C FOR 120 SECS MAX
S = .000010" GOLD OVERALL
J = PA9T/BERYLLIUM COPPER
M = .000030" GOLD
.000010" GOLD OVERALL
OPERATING TEMP: -65°C TO +150°C
** OVERALL TIN ONLY AVAILABLE ON MATERIAL CODES E, R AND G
PROCESSING TEMP: 260°C FOR 120 SECS MAX
F = PPS/SPINODAL (CONSULT FACTORY FOR SPECIAL SOLDERING REQUIREMENTS)
OPERATING TEMP: -65°C TO +200°C
PROCESSING TEMP: 260°C FOR 120 SECS MAX
AVAILABLE IN OVERALL GOLD ONLY (S OR M PLATING CODE)
C = PPS/BERYLLIUM NICKEL (CONSULT FACTORY)
OPERATING TEMP: -65°C TO +200°C
PROCESSING TEMP: 260°C FOR 120 SECS MAX
AVAILABLE IN OVERALL GOLD ONLY (S OR M PLATING CODE)
W = PEEK/BERYLLIUM NICKEL (CONSULT FACTORY)
OPERATING TEMP: -65°C TO +250°C
AVAILABLE IN OVERALL GOLD ONLY (S OR M PLATING CODE)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com