Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS241G Datasheet(PDF) 1 Page - C&K Components

Part # KSS241G
Description  Subminiature SMT Side Actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSS241G Datasheet(HTML) 1 Page - C&K Components

  KSS241G Datasheet HTML 1Page - C&K Components KSS241G Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–21
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
9 aug 12
KSS Series
Subminiature SMT Side Actuated
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Low profile of 1.7 mm
• Excellent tactile feel
• High shear force
• Range of actuation forces
• Large flat top
• RoHS compliant and compatible
Typical Applications
• Cellular phone
• Industrial electronics
• Health diagnostic electronics
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: N.O.
TERMINALS: Gullwing
IP40 sealed
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Actuator
2 Standard, 1,1 (0.043)
3 Large, 1,8 (0.070)
Operating Force
2 2.0 N (200 grams)
3 2.5 N (250 grams)
4 4.0 N (400 grams)
K
S
S
Contact Material
1 Silver
3 Gold
Termination
G Gull wing, SPST
Operating force
Operating life
Travel
Type
Newtons (grams)
(operations)
(mm)
KSS221G
2.0 (200) ± 0.5
100,000
0,3 ± 0,15
KSS231G
2.5 (250) ± 0.5
100,000
0,3 ± 0,10
KSS241G
4.0 (400) ± 1.0
100,000
0,3 ± 0,15
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH:
≥
250 VDC
CONTACT RESISTANCE:
<
100 m
Ω
INSULATION RESISTANCE (100 VDC):
≥
109
Ω
BOUNCE TIME: < 3 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Infared reflow soldering in accordance with IEC 61760-1
Packaging
Tape and reels in reels of 3,000 pieces.
External diameter 330mm ± 2mm.
LFS RoHS compliant and compatible. Silver plated.
LFG RoHS compliant and compatible. Gold plated.
OVERLOAD: 20N
TACTILE FEELING: 2 and 4N: 25% min.
2.5N: 30% min.


Similar Part No. - KSS241G

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSS241G ITT-KSS241G Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
C&K Components
KSS241G CK-COMPONENTS-KSS241G Datasheet
209Kb / 2P
Subminiature SMT Side Actuated
KSS241G CK-COMPONENTS-KSS241G Datasheet
421Kb / 3P
Subminiature SMT Side Actuated
KSS241G CK-COMPONENTS-KSS241G Datasheet
417Kb / 2P
Subminiature SMT Side Actuated
KSS241G CK-COMPONENTS-KSS241G Datasheet
177Kb / 2P
Subminiature SMT Side Actuated
30 Jan 19
More results

Similar Description - KSS241G

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
C&K Components
KMS CK-COMPONENTS-KMS Datasheet
191Kb / 2P
Microminiature SMT Side Actuated
KSS CK-COMPONENTS-KSS Datasheet
209Kb / 2P
Subminiature SMT Side Actuated
KSS341GLFS CK-COMPONENTS-KSS341GLFS Datasheet
421Kb / 3P
Subminiature SMT Side Actuated
KMS231GLFS CK-COMPONENTS-KMS231GLFS Datasheet
515Kb / 2P
Microminiature SMT Side Actuated
KSS231GLFS CK-COMPONENTS-KSS231GLFS Datasheet
417Kb / 2P
Subminiature SMT Side Actuated
KSS CK-COMPONENTS-KSS_V01 Datasheet
177Kb / 2P
Subminiature SMT Side Actuated
30 Jan 19
PTS840 CK-COMPONENTS-PTS840_V01 Datasheet
230Kb / 3P
Microminiature SMT Side Actuated
14 Nov 22
PTS841 CK-COMPONENTS-PTS841 Datasheet
263Kb / 2P
Microminiature SMT Side Actuated
14 Nov 22
KMS CK-COMPONENTS-KMS_V01 Datasheet
166Kb / 2P
Microminiature SMT Side Actuated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com