Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC100PI Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TC100PI
Description  Thermocouples Isolation Safety Barrier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC100PI Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TC100PI Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC100PI Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC100PI Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC100PI Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCx00PI
2013.07.01-A/2
Page 3 of 4
APPLICATION CIRCUIT DIAGRAM &
PIN DESCRIPTION
Hazardous-area
Safe-area
485B
485A
1
2
3
4
7
8
5
6
485B
485A
13
14
15
16
1
2
3
4
5
6
TC600PI-SP
TC100PI-SP
RL
RL
RL
18~36VDC
18~36VDC
4/0~20mA
4/0~20mA
4/0~20mA
Hazardous-area
Safe-area
mV
mV
+
-
+
-
+
-
+
-
+
-
+
-
11
12
13
14
15
16
+
-
11
12
Note: No surge protection products (without the suffix-SP), no pin 13,14,15,16.
INSTALLATION & DISASSEMBLY
Installation
DIN35mm standard rail installation:
1.Insert the top of the instrument card in the rail;
2.Push the bottom of the instrument into the rail.
Disassembly
1. Use a screwdriver (Width of edge
≤ 6mm), cut in the metal card lock
from the underside;
2. Boost up the screwdriver and pry the metal card lock downwards;
3. Pull the instrument out of the rail.
1
2
3
PACKAGING DIMENSION & PACKAGING DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com