Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL44 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SL44
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL44 Datasheet(HTML) 2 Page - Vishay Siliconix

  SL44 Datasheet HTML 1Page - Vishay Siliconix SL44 Datasheet HTML 2Page - Vishay Siliconix SL44 Datasheet HTML 3Page - Vishay Siliconix SL44 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SL42, SL43, SL44
www.vishay.com
Vishay General Semiconductor
Revision: 25-Apr-14
2
Document Number: 88742
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) PCB mounted 0.55" x 0.55" (14 mm x 14 mm) copper pad areas, TL = 90 °C
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SL42
SL43
SL44
UNIT
Maximum instantaneous forward voltage at (1)
IF = 4.0 A
TA = 125 °C
VF
0.31
0.35
V
TA = 25 °C
0.42
0.44
IF = 8.0 A
TA = 125 °C
0.37
0.41
TA = 25 °C
0.47
0.50
Maximum DC reverse current at rated DC
blocking voltage (1)
TA = 25 °C
IR
0.5
mA
TA = 100 °C
35
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL42
SL43
SL44
UNIT
Typical thermal resistance (1)
RJA
50
°C/W
RJL
14
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SL43-E3/57T
0.235
57T
850
7" diameter plastic tape and reel
SL43-E3/9AT
0.235
9AT
3500
13" diameter plastic tape and reel
SL43HE3_A/H (1)
0.235
H
850
7" diameter plastic tape and reel
SL43HE3_A/I (1)
0.235
I
3500
13" diameter plastic tape and reel
Lead Temperature (°C)
0
25
50
75
100
125
0
2
4
6
8
10
on Aluminum Substrate
on FR4 Board
150
125
100
75
50
25
0
110
100
Number of Cycles at 60 Hz
T
J = TJ max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com