Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6393DTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6393DTR
Description  Half-bridge gate driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6393DTR Datasheet(HTML) 1 Page - STMicroelectronics

  L6393DTR Datasheet HTML 1Page - STMicroelectronics L6393DTR Datasheet HTML 2Page - STMicroelectronics L6393DTR Datasheet HTML 3Page - STMicroelectronics L6393DTR Datasheet HTML 4Page - STMicroelectronics L6393DTR Datasheet HTML 5Page - STMicroelectronics L6393DTR Datasheet HTML 6Page - STMicroelectronics L6393DTR Datasheet HTML 7Page - STMicroelectronics L6393DTR Datasheet HTML 8Page - STMicroelectronics L6393DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
August 2010
Doc ID 14497 Rev 4
1/19
19
L6393
Half-bridge gate driver
Features
■ High voltage rail up to 600 V
■ dV/dt immunity ± 50 V/nsec in full temperature
range
■ Driver current capability:
– 290 mA source,
– 430 mA sink
■ Switching times 75/35 nsec rise/fall with 1 nF
load
■ 3.3 V, 5 V CMOS/TTL inputs comparators with
hysteresis
■ Integrated bootstrap diode
■ Uncommitted comparator
■ Adjustable dead-time
■ Compact and simplified layout
■ Bill of material reduction
■ Flexible, easy and fast design
Application
■ Motor driver for home appliances
■ Factory automation
■ Industrial drives and fans
■ HID ballasts
■ Power supply units
Description
The L6393 is a high-voltage device manufactured
with the BCD “OFF-LINE” technology. It is a single
chip half-bridge gate driver for N-channel power
MOSFET or IGBT.
The high side (floating) section is designed to
stand a voltage rail up to 600 V.
The logic inputs are CMOS/TTL compatible down
to 3.3 V for easy interfacing microcontroller/DSP.
The IC embeds an uncommitted comparator
available for protections against overcurrent,
overtemperature, etc.
Table 1.
Device summary
Order codes
Package
Packaging
L6393N
DIP-14
Tube
L6393D
SO-14
L6393DTR
Tape and reel
www.st.com


Similar Part No. - L6393DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393D STMICROELECTRONICS-L6393D Datasheet
462Kb / 20P
Half-bridge gate driver
18-Mar-2008
L6393D013TR STMICROELECTRONICS-L6393D013TR Datasheet
462Kb / 20P
Half-bridge gate driver
18-Mar-2008
More results

Similar Description - L6393DTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
Half-bridge gate driver
18-Mar-2008
logo
Fairchild Semiconductor
FAN7080 FAIRCHILD-FAN7080 Datasheet
314Kb / 17P
Half Bridge Gate Driver
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com