Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9904TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9904TR
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9904TR Datasheet(HTML) 4 Page - STMicroelectronics

  L9904TR Datasheet HTML 1Page - STMicroelectronics L9904TR Datasheet HTML 2Page - STMicroelectronics L9904TR Datasheet HTML 3Page - STMicroelectronics L9904TR Datasheet HTML 4Page - STMicroelectronics L9904TR Datasheet HTML 5Page - STMicroelectronics L9904TR Datasheet HTML 6Page - STMicroelectronics L9904TR Datasheet HTML 7Page - STMicroelectronics L9904TR Datasheet HTML 8Page - STMicroelectronics L9904TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
L9904
4/17
Table 5. Electrical Characteristcs
(8V < VVS < 20V, VEN = HIGH, -40°C  TJ  150°C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when current flows into the pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply (VS)
VVS OVH Overvoltage disable HIGH
threshold
28
33
36
V
VVS OVh Overvoltage threshold hysteresis 2)
1.6
V
VVS UVH Undervoltage disable HIGH
threshold
6
7
V
VVS UVh Undervoltage threshold
hysteresis 2)
0.66
V
IVSL
Supply current
VEN = 0 ; VVS = 13.5V; TJ< 85°C
50
A
IVSH
Supply current, pwm-mode
VVS= 13.5V; VEN= HIGH;
VDIR= LOW; S1 = S2 = GND
fPWM = 20kHz; CCBX = 0.1µF;
CGLX = 4.7nF; CGHX = 4.7nF;
RPR = 10k; CPR = 150pF
8.1
13
mA
IVSD
Supply current, dc-mode
VVS= 13.5V; VEN= HIGH;
VDIR= LOW; S1 = S2 = GND
VPWM = LOW; CGHX = 4.7nF
RPR = 10k; CPR = 150pF
5.8
10
mA
Enable input (EN)
VENL
Low level
1.5
V
VENH
High level
3.5
V
VENh
Hysteresis threshold 2)
1
V
REN
Input pull down resistance
VEN = 5V
16
50
100
k
H-bridge control inputs (DIR, PWM)
VDIRL
VPWML
Input low level
1.5
V
VDIRH
VPWMH
Input high level
3.5
V
VDIRh
VPWMh
Input threshold hysteresis 2)
1
V
RDIR
RPWM
Internal pull up resistance
to internal VCC 3)
VDIR = 0; VPWM = 0
16
50
100
k
DIAGNOSTIC output (DG)
VDG
Output drop
IDG = 1mA
0.6
V
RDG
Internal pull up resistance
to internal VCC 3)
VDG = 0V
10
20
40
k
Programmable cross conduction protection 4)
NPR
Threshold voltage ratio VPRH/
VPRL
RPR = 10k
1.8
2
2.2
IPR
Current capability
VPR = 2V
-0.5
mA
ISO interface, transmission input (TX)
VTXL
Input low level
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com