Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9904 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9904
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9904 Datasheet(HTML) 5 Page - STMicroelectronics

  L9904 Datasheet HTML 1Page - STMicroelectronics L9904 Datasheet HTML 2Page - STMicroelectronics L9904 Datasheet HTML 3Page - STMicroelectronics L9904 Datasheet HTML 4Page - STMicroelectronics L9904 Datasheet HTML 5Page - STMicroelectronics L9904 Datasheet HTML 6Page - STMicroelectronics L9904 Datasheet HTML 7Page - STMicroelectronics L9904 Datasheet HTML 8Page - STMicroelectronics L9904 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
L9904
VTXH
Input high level
3.5
V
VTXh
Input hysteresis voltage 2)
1
V
RTX
Internal pull up resistance to
internal VCC 3)
VTX = 0
10
20
40
k
ISO interface, receiver output (RX)
VRXL
Output voltage high stage
TX = HIGH; IRX = 0; VK = VVS
4.5
5.5
V
RRX
Internal pull up resistance
to internal VCC 3)
TX = HIGH;
VRX = 0V
5
10
20
k
RRXON
ON resistance to ground
TX = LOW;
IRX = 1mA
40
90
tRXH
Output high delay time
Fig. 1
0.5
s
tRXL
Output low delay time
0.5
s
ISO interface, K-line (K)
VKL
Input low level
-20V
0.45 ·
VVS
VKH
Input high level
0.55 ·
VVS
VVS
VKh
Input hysteresis voltage 2)
0.025·
VVS
0.8V
IKH
Input current
VTX = HIGH
-5
25
A
RKON
ON resistance to ground
VTX = LOW; IK=10mA
10
30
IKSC
Short circuit current
VTX = LOW
40
130
mA
fK
Transmission frequency
60
100
kHz
2. not tested in production: guaranteed by design and verified in characterization
3. Internal VVCC is 4.5V ... 5.5V
4. see page 18 for calculation of programmable cross conduction protection time
tKr
Rise time
VVS = 13.5V; Fig. 1
External loads at K-line:
RK = 510 pull up
to VVS
CK = 2.2nF to GND
2
6
s
tKf
Fall time
2
6
s
tKH
Switch high delay time
4
17
s
tKL
Switch low delay time
4
17
s
tSH
Short circuit detection time
VVS = 13.5V;
TX = LOW
VK > 0.55 · VVS
10
40
s
Charge pump
VCP
Charge pump voltage
VVS = 8V
VVS = 13.5V
VVS = 20V
VVS+
7V
VVS+
10V
VVS+
10V
VVS+
14V
VVS+
14V
VVS
+14V
Table 5. Electrical Characteristcs (continued)
(8V < VVS < 20V, VEN = HIGH, -40°C  TJ  150°C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when current flows into the pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com