Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9150 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LET9150
Description  RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9150 Datasheet(HTML) 4 Page - STMicroelectronics

  LET9150 Datasheet HTML 1Page - STMicroelectronics LET9150 Datasheet HTML 2Page - STMicroelectronics LET9150 Datasheet HTML 3Page - STMicroelectronics LET9150 Datasheet HTML 4Page - STMicroelectronics LET9150 Datasheet HTML 5Page - STMicroelectronics LET9150 Datasheet HTML 6Page - STMicroelectronics LET9150 Datasheet HTML 7Page - STMicroelectronics LET9150 Datasheet HTML 8Page - STMicroelectronics LET9150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
LET9150
4/12
Doc ID 16369 Rev 6
2
Electrical characteristics
TCASE = +25
oC
2.1
Static
2.2
Dynamic
Table 4.
Static (per section)
Symbol
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
VGS = 0 V
IDS = 1 mA
80
V
IDSS
VGS = 0 V
VDS = 28 V
1
µA
IGSS
VGS = 5 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V
ID = 600 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
0.7
0.9
V
GFS
VDS = 10 V
ID = 3 A
2.5
mho
CISS
VGS = 0 V
VDS = 32 V
f = 1 MHz
68
pF
COSS
VGS = 0 V
VDS = 32 V
f = 1 MHz
33
pF
CRSS
VGS = 0 V
VDS = 32 V
f = 1 MHz
0.65
pF
Table 5.
Dynamic
Symbol
Test conditions
Min
Typ
Max
Unit
POUT
VDD = 32 V IDQ = 600 mA f = 860 MHz
PIN = 2.5 W
150
175
-
W
GPS
VDD = 32 V IDQ = 600 mA POUT = 150 W f = 860 MHz
18
20
dB
ηD
VDD = 32 V IDQ = 600 mA POUT = 150 W f = 860 MHz
60
69
%
RTL
VDD = 32 V IDQ = 600 mA POUT = 150 W f = 860 MHz
12
dB
Load
Mismatch
VDD = 32 V IDQ = 600 mA POUT = 150 W f = 860 MHz
all phase angles
20:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com