Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMT220L-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBMT220L-G
Description  Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMT220L-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBMT220L-G Datasheet HTML 1Page - Comchip Technology CDBMT220L-G Datasheet HTML 2Page - Comchip Technology CDBMT220L-G Datasheet HTML 3Page - Comchip Technology CDBMT220L-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF SMD Schottky Barrier Rectifiers
Reverse Voltage: 20 to 40 Volts
Forward Current: 2.0 Amp
RoHS Device
Page 1
REV:B
Features
Mechanical data
-Case: Mini SMA/SOD-123H , molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Indicated by cathode band.
-Approx. weight: 0.011 grams
CDBMT220L-G Thru. CDBMT240L-G
Maximum Ratings and Electrical Characteristics (at TA=25°C unless otherwise noted)
QW-BL012
Comchip Technology CO., LTD.
Dimensions in inches and (millimeter)
SOD-123H
0.146(3.7)
0.130(3.3)
0.018(0.45)
0.071(1.8)
0.055(1.4)
0.040(1.0)
0.024(0.6)
0.035(0.9)
0.006(0.15)
0.006(0.15)
0.028(0.7)
0.035(0.9)
0.028(0.7)
0.002(0.05)
-Low power loss, high efficiency.
-High current capability,low forward voltage drop.
-High surge capability.
-Guarding for overvoltage protection.
-Ultra high-speed switching.
-Excellent power dissipation offers better reverse
leakage current and thermal resistance.
-Low profile surface mounted application in order
to optimize board space.
-Silicon epitaxial planar chip,metal silicon junction.
-Lead-free part meets environmental standards of
MIL-STD-19500/228
Company reserves the right to improve product design , functions and reliability without notice.
Max. Repetitive Peak Reverse Voltage
Continuous Reverse Voltage
Max. RMS Voltage
Max. Forward Surge Current
8.3ms single half sine-wave superimposed
on rate load (JEDEC method)
Max. Forward Rectified Current (Fig.2)
Max. Forward Voltage @IF=2.0A
Max. Reverse Current @TA=25°C
Storage Temperature
Operating Temperature
CDBMT220L-G
Units
Symbol
Parameter
VRRM
VR
VRMS
IFSM
IO
VF
IR
CJ
TSTG
TJ
20
20
14
0.38
V
V
V
A
A
V
mA
pF
°C
°C
CDBMT240L-G
40
40
28
0.40
50
2.0
1.0
160
-65 to +175
-55 to +100
CDBMT230L-G
30
30
21
0.40
Typ. Diode Junction Capacitance
f=1MHz and applied 4V DC reverse voltage
RθJA
°C/W
70
Typ. Thermal Resistance
Junction to Ambient


Similar Part No. - CDBMT220L-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMT220L-G COMCHIP-CDBMT220L-G Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBMT220L-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
CDBM220L-G COMCHIP-CDBM220L-G Datasheet
45Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
CDBM120L-HF COMCHIP-CDBM120L-HF Datasheet
68Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBM220L-HF COMCHIP-CDBM220L-HF Datasheet
94Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-G COMCHIP-CDBMT220L-G Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com