Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBP0130L Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBP0130L
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBP0130L Datasheet(HTML) 1 Page - Comchip Technology

  CDBP0130L Datasheet HTML 1Page - Comchip Technology CDBP0130L Datasheet HTML 2Page - Comchip Technology CDBP0130L Datasheet HTML 3Page - Comchip Technology CDBP0130L Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBP0130L-G
IO=100mA
VR=30V
RoHS Device
SMD Schottky Barrier Diode
QW-BA012
Page 1
REV:B
Symbol
Parameter
Limits
Unit
DC reverse voltage
1
Features
-Small surface mounting type.
-High reliability.
Mechanical Data
-Case: Molded plastic SOD-723
-Terminals: Solderable per MIL-STD-750, Method
2026.1.
-Polarity: Indicated by cathode band.
-Mounting position: Any.
Dimensions in inches and (millimeter)
SOD-723
Peak forward surge current
Junction temperature
VR
100
30
125
V
mA
A
OC
Mean rectifying current
IO
IFSM
TJ
Storage temperature
Tstg
-40 to +125
OC
Symbol
Parameter
Max.
Unit
Forward voltage
VF
10
0.35
V
μA
Reverse current
IR
Conditions
IF=10mA
VR=10V
Min.
0.043(1.100)
0.035(0.900)
0.008(0.200) REF.
0.059(1.500)
0.051(1.300
0.023(0.580)
0.020(0.515)
0.026(0.650)
0.021(0.525)
Maximum Ratings (at Ta=25°C unless otherwise noted)
Electrical Characteristics (at Ta=25°C unless otherwise noted)


Similar Part No. - CDBP0130L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBP0130L COMCHIP-CDBP0130L Datasheet
107Kb / 4P
SMD Schottky Barrier Diode
CDBP0130L-G COMCHIP-CDBP0130L-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBP0130L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com