Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS28-040 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS28-040
Description  Power Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS28-040 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS28-040 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS28-040 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
Single
Dual
Secondary
Dimensions
Primary
Primary
Wt.
Section
6 Pin
8 Pin
VA
Series
Parallel
H
W
L
ML
A
B
C
Lbs.
F10-110
FS10-110
10.0V CT @ 0.11A
5.0V @ 0.22A
F12-090
FS12-090
12.6V CT @ 0.09A
6.3V @ 0.18A
F16-070
FS16-070
16.0V CT @ 0.07A
8.0V @ 0.14A
F20-055
FS20-055
20.0V CT @ 0.055A
10.0V @ 0.11A
F24-045
FS24-045
24.0V CT @ 0.045A
12.0V @ 0.09A
A
F28-040
FS28-040
1.1
28.0V CT @ 0.040A
14.0V @ 0.08A
15
/16
11/8
13/8
•
0.250
0.250
1.20
0.17
F36-030
FS36-030
36.0V CT @ 0.03A
18.0V @ 0.06A
F48-023
FS48-023
48.0V CT @ 0.023A
24.0V @ 0.046A
F56-020
FS56-020
56.0V CT @ 0.02A
28.0V @ 0.04A
F120-010
FS120-01
120.0V CT @ 0.01A
60.0V @ 0.02A
F10-250
FS10-250
10.0V CT @ 0.25A
5.0V @ 0.5A
F12-200
FS12-200
12.6V CT @ 0.2A
6.3V @ 0.4A
F16-150
FS16-150
16.0V CT @ 0.15A
8.0V @ 0.3A
F20-120
FS20-120
20.0V CT @ 0.12A
10.0V @ 0.24A
F24-100
FS24-100
24.0V CT @ 0.1A
12.0V @ 0.2A
B
F28-85
FS28-85
2.5
28.0V CT @ 0.085A
14.0V @ 0.17A
13/16
11/8
13/8
•
0.250
0.250
1.20
0.25
F36-65
FS36-65
36.0V CT @ 0.065A
18.0V @ 0.13A
F48-050
FS48-050
48.0V CT @ 0.05A
24.0V @ 0.1A
F56-045
FS56-045
56.0V CT @ 0.045A
28.0V @ 0.09A
F120-020
FS120-02
120.0V CT @ 0.02A
60.0V @ 0.04A
F10-600
FS10-600
10.0V CT @ 0.6A
5.0V @ 1.2A
F12-500
FS12-500
12.6V CT @ 0.5A
6.3V @ 1.0A
F16-400
FS16-400
16.0V CT @ 0.4A
8.0V @ 0.8A
F20-300
FS20-300
20.0V CT @ 0.3A
10.0V @ 0.6A
F24-250
FS24-250
24.0V CT @ 0.25A
12.0V @ 0.5A
C
F28-200
FS28-200
6.0
28.0V CT @ 0.2A
14.0V @ 0.4A
15/16
15/16
15/8
11/16
0.250
0.350
1.280
0.44
F36-170
FS36-170
36.0V CT @ 0.17A
18.0V @ 0.34A
F48-125
FS48-125
48.0V CT @ 0.125A
24.0V @ 0.25A
F56-110
FS56-110
56.0V CT @ 0.11A
28.0V @ 0.22A
F120-050
FS120-05
120.0V CT @ 0.05A
60.0V @ 0.1A
F10-1200
FS10-1200
10.0V CT @ 1.2A
5.0V @ 2.4A
F12-1000
FS12-1000
12.6V CT @ 1.0A
6.3V @ 2.0A
F16-800
FS16-800
16.0V CT @ 0.8A
8.0V @ 1.6A
F20-600
FS20-600
20.0V CT @ 0.6A
10.0V @ 1.2A
F24-500
FS24-500
24.0V CT @ 0.5A
12.0V @ 1.0A
D
F28-420
FS28-420
12.0
28.0V CT @ 0.42A
14.0V @ 0.84A
17/16
19/16
17/8
11/4
0.30
0.40
1.410
0.70
F36-350
FS36-350
36.0V CT @ 0.35A
18.0V @ 0.7A
F48-250
FS48-250
48.0V CT @ 0.25A
24.0V @ 0.5A
F56-220
FS56-220
56.0V CT @ 0.22A
28.0V @ 0.44A
F120-100
FS120-100
120.0V CT @ 0.1A
60.0V @ 0.2A
F10-2000
FS10-2000
10.0V CT @ 2.0A
5.0V @ 4.0A
F12-1600
FS12-1600
12.6V CT @ 1.6A
6.3V @ 3.2A
F16-1250
FS16-1250
16.0V CT @ 1.25A
8.0V @ 2.5A
F20-1000
FS20-1000
20.0V CT @ 1.0A
10.0V @ 2.0A
F24-800
FS24-800
24.0V CT @ 0.8A
12.0V @ 1.6A
17/16
17/8
21/4
11/2
0.30
0.40
1.60
0.80
E
F28-700
FS28-700
20.0
28.0V CT @ 0.7A
14.0V @ 1.4A
F36-550
FS36-550
36.0V CT @ 0.55A
18.0V @ 1.1A
F48-400
FS48-400
48.0V CT @ 0.4A
24.0V @ 0.8A
F56-350
FS56-350
56.0V CT @ 0.35A
28.0V @ 0.7A
F120-160
FS120-160
120.0V CT @ 0.16A
60.0V @ 0.32A
:: Split P ack
CT = Center Tap
:: Description
The Triad Split Pack split bobbin transformer is an extremely versatile tool for PC board applications. Split
Pack transformers are nonconcentrically wound -- with primaries and secondaries side-by-side. Unlike the
secondary-on-top-of-primary designs of standard PC board transformers, the split bobbin winding and low
capacitive coupling eliminate costly electrostatic shielding. It is offered in a dual secondary configuration
with either single or dual primaries.
:: Specifica tions
Primary: 115 V, 50/60 Hz
| VA Ranges: 1.1 to 36.0
Secondary: Series - 10 to 120 V; Parallel - 5 to 60 V
Power Transformers
PC
Moun t: Split P ack ™
Class B
UL
Rec ogniz ed
UL
F ile E53148


Similar Part No. - FS28-040

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FS28-040 TRIAD-FS28-040 Datasheet
48Kb / 1P
FS28-040
FS28-040-C2 TRIAD-FS28-040-C2 Datasheet
56Kb / 1P
CLASS 2/3 TRANSFORMER
FS28-040 TRIAD-FS28-040_13 Datasheet
89Kb / 1P
PC MOUNT : SPLIT PACK
More results

Similar Description - FS28-040

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD6D11B SUMIDA-CMD6D11B_07 Datasheet
121Kb / 2P
Power Transformers
CMD5D13 SUMIDA-CMD5D13_07 Datasheet
134Kb / 2P
Power Transformers
CMD4D13 SUMIDA-CMD4D13 Datasheet
122Kb / 2P
Power Transformers
CMD4D11 SUMIDA-CMD4D11_07 Datasheet
119Kb / 2P
Power Transformers
CMD4D08 SUMIDA-CMD4D08_07 Datasheet
122Kb / 2P
Power Transformers
logo
Frontier Electronics.
LAMINATED FRONTIER-LAMINATED Datasheet
133Kb / 1P
Power Transformers
logo
List of Unclassifed Man...
P-8672 ETC2-P-8672 Datasheet
300Kb / 1P
POWER TRANSFORMERS
logo
TRIAD MAGNETICS
F-55X TRIAD-F-55X Datasheet
241Kb / 3P
Power Transformers
logo
List of Unclassifed Man...
N-9MG ETC2-N-9MG Datasheet
153Kb / 2P
Power Transformers
logo
Pulse A Technitrol Comp...
P5000NL PULSE-P5000NL Datasheet
66Kb / 1P
POWER TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com