Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND-TFT-5LP Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # AND-TFT-5LP
Description  Liquid Crystal Displays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-5LP Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  AND-TFT-5LP Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-5LP Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-5LP Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-5LP Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Purdy Electronics Corporation • 755 North Pastoria Avenue • Sunnyvale, CA 94085-2918
Tel: 408.523.8200 • Fax: 408.733.1287 • Email: sales@purdyelectronics.com •
www.purdyelectronics.com
Intelligent Graphic Displays (STN, FSTN, BST) Note 1: Wide Viewing angle disply
Part Number
Pixel Count
W x H
Pixel Pitch (mm)
W x H
Viewing Area
(mm) W x H
Overall Dimension
(mm) W x H x D
Driving
Voltage(V)
Built-in
Controller
Backlight
-30
-EL
Contrast
Ratio
AND1264GST-LED
128 x 64
0.56 x 0.52
72 x 40
87 x 70 x 12.7
+5
T6963C
LED
7:1
AND1264WGST-LED
128 x 64
0.56 x 0.52
72 x 40
87 x 70 x 12.7
+5
T6963C
LED
7:1
AND1391ST
128 x 128
0.43 x 0.43
62 x 62
84.4 x 100 x 14
+5/-14.5
T6963C
4:1
AND1391ST-LED
128 x 128
0.50 x 0.50
69 x 69
88 x 88 x 16.3
+5/-14.2
T6963C
LED
4:1
AND1013ST-LED
160 x 128
0.58 x 0.58
101 x 82
129 x 102 x 19.2
+5/-15
T6963C
LED
6:1
AND711AST-30
240 x 64
0.53 x 0.53
132 x 39
180 x 65 x 12
+5/-8.5
T6963C
-30
4:1
AND711AST-EO
240 x 64
0.53 x 0.53
132 x 39
180 x 65 x 12
+5/-8.5
T6963C
EL
4:1
AND1781BST-LED
240 x 64
0.53 x 0.53
134 x 40.4
180 x 65 x 9.7
+5
T6963C
LED
6:1
AND1781MST-LED
240 x 64
0.53 x 0.53
127.2 x 33.9
180 x 70 x 14
+5
T6963C
LED
12:1
AND1743MST-LED
240 x 64
0.50 x 0.50
132 x 76
170 x 95 x 14
+5
T6963C
LED
6:1
AND1743FST-LED
240 x 128
0.50 x 0.50
132 x 76
170 x 95 x 14
+5
T6963C
LED
6:1
AND1743BST-LED
240 x 128
0.50 x 0.50
132 x 76
170 x 95 x 14
+5
T6963C
LED
6:1
AND1742MST2
240 x 128
0.51 x 0.51
134 x 76
180 x 110 x 15.1
+5
RAIO
CCFL
6:1
AND322MST2
320 x 240
0.36 x 0.36
120 x 92
148 x 120 x 20.5
+5/-22.0
SED1335
CCFL
6:1
AND322MST2-LEDW(1)
320 x 240
0.36 x 0.36
120.14 x 92.14
148 x 120 x 20.5
+5
SED1335
LED White
6:1
Monochromatic Displays
Notes for the Intelligent Graphic Displays
• “30” means that the LCD has a transflective reflector. Part would be ordered with a “-30” suffix (i.e. AND1013ST-30);
ª “EO” means that an electroluminescent panel is installed int he LCD. Order with the “EO” suffix (i.e. AND1013ST-EO);
• CCFL means that a cold cathode fluorescent lamp is installed int eh module.;
• “MST” means Film Super Twist Nematic (FSTN); • “BST” means Blue Mode Super Twist Nematic LCD
Intelligent Alphanumeric Displays (STN, FSTN, BST)
Part Number
Lines x
Characters
Character Size (mm)
W x H
Viewing Area (mm)
W x H
Outline Dimension (mm)
W x H x D
Driving
Voltage (V)
Built-in Con-
troller
Backlight
AND081GST
1 x 8
4.45 x 8.35
48.0 x 13.0
60 x 36 x 10
5
HD44780
–
AND081GST-LED
1 x 8
4.45 x 8.35
48.0 x 13.0
60 x 36 x 13
5
HD44780
LED
AND082GST
2 x 8
2.96 x 5.56
38.0 x 16.0
58 x 32 x 8.4
5
HD44780
–
AND082GST-LED
2 x 8
2.96 x 5.56
38.0 x 16.0
58 x 32 x 12.8
5
HD44780
-
AND671GST-LED
1 x 16
3.07 x 6.56
64.5 x 13.8
80 x 36 x 11.3
5
HD44780
-
AND471GST
2 x 16
4.84 x 9.66
99 x 24
122 x 44 x 11.3
5
HD44780
-
AND471GST-LED
2 x 16
4.84 x 9.66
99 x 24
122 x 44 x 15.8
5
HD44780
LED
AND481GST
2 x 16
2.78 x 4.89
62 x 16
85 x 30 x 10.1
5
HD44780
-
AND481GST-LED
2 x 16
2.78 x 4.89
62 x 16
85 x 30 x 15.8
5
HD44780
LED
AND491GST
2 x 16
2.95 x 4.35
64.5 x 13.8
80 x 36 x 11.3
5
HD44780
-
AND491GST-LED
2 x 16
2.95 x 4.35
64.5 x 13.8
80 x 36 x 15.8
5
HD44780
LED
AND731GST
4 x 16
2.95 x 4.75
62 x 25.6
87 x 60 x 8.8
5
HD44780
-
AND731GST-LED
4 x 16
2.95 x 4.75
62 x 25.6
87 x 60 x 12.7
5
HD44780
LED
AND501GST
2 x 20
3.2 x 5.55
83 x 18.6
116 x 37 x 11.3
5
HD44780
-
AND501GST-LED
2 x 20
3.2 x 5.55
83 x 18.6
116 x 37 x 15.8
5
HD44780
LED
AND501WGST
2 x 20
3.2 x 5.55
83 x 18.6
116 x 37 x 15.8
5
HD44780
-
AND501WGST-LED
2 x 20
3.2 x 5.55
83 x 18.6
116 x 37 x 15.8
5
HD44780
LED
AND721GST
4 x 20
2.95 x 4.75
76 x 25.2
98 x 60 x 12
5
HD44780
-
AND721GST-LED
4 x 20
2.95 x 4.75
76 x 25.2
98 x 60 x 16
5
HD44780
LED
AND591GST
2 x 40
3.2 x 5.55
154 x 15.3
182 x 33.5 x 8.8
5
HD44780
-
AND591GST-LED
2 x 40
3.2 x 5.55
154 x 15.3
182 x 33.5 x 12.7
5
HD44780
LED
AND791GST
4 x 40
2.78 x 4.89
149 x 29.5
190 x 54 x 8.8
5
HD44780
-
AND791GST-LED
4 x 40
2.78 x 4.89
149 x 29.5
190 x 54 x 13
5
HD44780
LED



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com