Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4040CT Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # MBR4040CT
Description  40 Amp Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

MBR4040CT Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  MBR4040CT Datasheet HTML 1Page - EM Microelectronic - MARIN SA MBR4040CT Datasheet HTML 2Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l
High Surge Capacity
l
Low Power Loss, High Efficiency
l
High Current Capability
l
Metal of silicon Rectifier, majority Carrier Conduction
l
Guard Ring For Transient Protection
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +175oC
MBR4020PT
20V
14V
20V
MBR4030PT
30V
21V
30V
MBR4035PT
35V
24.5V
35V
MBR4040PT
40V
28V
40V
MBR4045PT
45V
31.5V
45V
MBR4060PT
60V
42V
60V
Part Number
Maximum
Recurrent Peak
Reverse Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR4020PT
THRU
MBR4060PT
40 Amp Schottky
Barrier Rectifier
20 to 60 Volts
Electrical Characteristics @25oC Unless Otherwise Specified
Pulse test: Pulse width 300 usec, duty cycle 2%.
Average Forward Current
IF(AV)
40.0A
TC=125
oC
Peak Forward Surge
Current
IFSM
400A
8.3ms half sine
Maximum Instantaneous
Forward Voltage
MBR4020PT-4045PT
MBR4060PT
VF
.70V
IFM=20.0A
.80V
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
1.0mA
T C=25
oC
Typical Junction
Capacitance
Cj
700pF
Measured at
1.0MHz,
V R=4.0V
PIN 1
PIN 3
PIN 2
CASE
E
L
Q
P
N
M
F
C
B
A
O
K
J
I
H
G
D

INCHES
MM






A
.620
.640
15.75
16.25
B
.837
.856
21.25
21.75
O
.076
.086
1.93
2.18
C
.772
.791
19.60
20.10
D
.149
.172
3.78
4.38
E
.074
.082
1.88
2.08
F
.192
.202
4.87
5.13
G
.173 TYP
4.4 TYP
H
.075
.085
1.90
2.16
I
.115
.127
2.93
3.22
J
.044
.048
1.12
1.22
K
.114
.126
2.90
3.20
L
.205
.224
5.20
5.70
M
.083
.095
2.10
2.40
N
.020
.030
0.51
0.76
T C=25
oC
MBR4020PT-4045PT
.60V
T C=125
oC
100mA
T C=125
oC
10
° TYP
2
0
° TYP
Q
P
L
PIN
1
2
3
TO-3P

MBR4060PT
.70V
www.kersemi.com


Similar Part No. - MBR4040CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR4040CT CHENYI-MBR4040CT Datasheet
477Kb / 2P
40Amp schottky barrier rectifier 20to60 volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Frontier Electronics.
MBR4040CT FRONTIER-MBR4040CT Datasheet
524Kb / 2P
40A SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
MBR4040CT ZSELEC-MBR4040CT Datasheet
344Kb / 2P
40.0A SCHOTTKY BARRIER DIODE
logo
Microdiode Semiconducto...
MBR4040CT CHENDA-MBR4040CT Datasheet
667Kb / 2P
40 to 200 Volts Forward Current - 40.0 Amperes
More results

Similar Description - MBR4040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
M5819 MCC-M5819 Datasheet
88Kb / 2P
0.6 Amp Schottky Barrier Rectifier 40 Volts
SBL4045CT MCC-SBL4045CT Datasheet
460Kb / 3P
40 Amp Schottky Barrier Rectifier 45 Volts
SR240M MCC-SR240M Datasheet
81Kb / 2P
2 Amp Schottky Barrier Rectifier 40 Volts
logo
Microsemi Corporation
FST4035 MICROSEMI-FST4035 Datasheet
131Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIER
FST4050 MICROSEMI-FST4050 Datasheet
133Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIER
FST4080 MICROSEMI-FST4080 Datasheet
149Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIER
FST4515 MICROSEMI-FST4515 Datasheet
131Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
RB420D MCC-RB420D_06 Datasheet
808Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB420DS MCC-RB420DS Datasheet
211Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB441Q MCC-RB441Q Datasheet
449Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com