Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR16150 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # MBR16150
Description  16.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

MBR16150 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  MBR16150 Datasheet HTML 1Page - EM Microelectronic - MARIN SA MBR16150 Datasheet HTML 2Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBR16XX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
MBR
1635
MBR
1645
MBR
1650
MBR
1660
MBR
1690
MBR
16100
MBR
16150
Units
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IRRM
A
0.95
0.92
0.1
mA
5mA
dV/dt
V/uS
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Peak Repetitive Reverse Surge Current (Note 1)
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Maximum Average Forward Rectified Current
0.75
0.85
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20KHz)
IFRM
32
0.57
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Cases: JEDEC TO-220AC molded plastic body
Features
Operating Junction Temperature Range
Storage Temperature Range
- 65 to + 175
- 65 to + 150
MBR1635 - MBR16150
Marking Diagram
16.0 AMPS. Schottky Barrier Rectifiers
Dimensions in inches and (millimeters)
High surge capability
Metal silicon junction, majority carrier conduction
High temperature soldering guaranteed:
260℃/10 seconds, 0.25"(6.35mm) from case
Green compound with suffix "G" on packing
code & prefix "G" on datecode
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Weight: 1.86 grams
Maximum Typical Thermal Resistance
Type Number
1.0
Voltage Rate of Change (Rated V R)
Polarity: As marked
Mounting torque: 5 in. - lbs, max
Mounting position:Any
A
IF(AV)
16
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Instantaneous Forward Voltage at: (Note 2)
IF=16A, TA=25℃
IF=16A, TA=125℃
Typical Junction Capacitance
A
0.5
IFSM
150
10,000
500
Maximum Ilstantaneous Reverse Current @ T A=25 ℃
at Rated DC Blocking Voltage
@ T A=125 ℃
IR
VF
TO-220AC
0.5
0.5
0.75
0.65
0.63
3
A
V
15
10
0.3
7.5
www.kersemi.com


Similar Part No. - MBR16150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR16150 TSC-MBR16150 Datasheet
276Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBR16150 TSC-MBR16150 Datasheet
653Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBR16150 TSC-MBR16150 Datasheet
247Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBR16150 TSC-MBR16150 Datasheet
251Kb / 3P
16.0 AMPS. Schottky Barrier Rectifiers High surge capability
logo
Kersemi Electronic Co.,...
MBR16150 KERSEMI-MBR16150 Datasheet
998Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR16150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR1620PT TSC-SR1620PT Datasheet
102Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620 Datasheet
93Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_1 Datasheet
218Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT_1 Datasheet
221Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_1 Datasheet
179Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_10 Datasheet
653Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620_10 Datasheet
580Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com