Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND501GST-LED Datasheet(PDF) 4 Page - Purdy Electronics Corporation

Part # AND501GST-LED
Description  Liquid Crystal Displays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND501GST-LED Datasheet(HTML) 4 Page - Purdy Electronics Corporation

  AND501GST-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND501GST-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND501GST-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND501GST-LED Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Purdy Electronics Corporation • 755 North Pastoria Avenue • Sunnyvale, CA 94085-2918
Tel: 408.523.8200 • Fax: 408.733.1287 • Email: sales@purdyelectronics.com •
www.purdyelectronics.com
LCD - Panel-Segment Displays (Wide Temperature & High Humidity)
Part Number
Display Font
Digit Height in inches
Package Dimensions in inches (L x W)
FE1901W
0.5
1.1 x 1.2
FE0201W
0.5
2.0 x 1.2
FE0203W
0.5
2.0 x 1.2
FE0202W
0.5
2.0 x 1.2
FE0501W
0.7
2.75 x 1.5
FE0502W
0.7
2.75 x 1.5
FE0206W
0.5
2.0 x 1.2
FE0208W
0.4
2.0 x 1.2
FE0401W
0.5
2.75 x 1.2
FE0601W
0.7
3.7 x 1.5
FE1001W
0.5
3.7 x 1.2
Backlight viewing mode designation is:
• DU for “reflective” surface to reflect ambient light back through the liquid crystal materials for illumination.
• EU for “transflective” surface which uses a partially reflecting surface for viewing with a backlight or using reflected light.
• Example: To receive a 0.5-inch high, 4-digit, wide temperature, high humidity, reflective panel display, order: FE202+w-DU = FE0202W-DU
Intelligent Graphic Displays (OLED) *OLED available in (White, Green, Blue, and Red) Sunlight readable.
Part Number
Pixel Count
W x H
Pixel Pitch (mm)
W x H
Viewing Area (mm)
W x H
Overall Dimension (mm)
W x H x D
Driving
Voltage(V)
Built-in
Controller
Backlight
AND005016A-OLED
50 x 16
0.70 x 0.60
38.0 x 16.0
58.0 x 32.0 x 10.0
5V, option 3 V
WS0010
*OLED
AND010008A-OLED
100 x 8
0.80 x 0.60
66.0 x 16.0
80.0 x 36.0 x 10.0
5V, option 3 V
WS0010
*OLED
AND010016B-OLED
100 x 16
1.12 x 0.96
99.0 x 24.0
122.0 x 44.0 x 10.0
5V, option 3 V
WS0010
*OLED
AND010016D-OLED
100 x 16
0.70 x 0.60
66.0 x 16.0
85.0 x 30.0 x 10.0
5V, option 3 V
WS0010
*OLED
AND010016A-OLED
100 x 16
0.70 x 0.60
66.0 x 16.0
80.0 x 36.0 x 10.0
5V, option 3 V
WS0010
*OLED
AND010016F-OLED
100 x 16
0.70 x 0.65
85.0 x 18.60
116.0 x 37.0 x 9.8
5V, option 3 V
WS0010
*OLED
AND010016F-OLED
100 x 16
0.70 x 0.65
85.0 x 18.60
116.0 x 37.0 x 9.8
5V, option 3 V
WS0010
*OLED
AND010032A-OLED
100 x 32
0.60 x 0.59
77.0 x 25.2
98.0 x 60.0 x 10.0
5V, option 3 V
WS0010
*OLED
Part Number
Lines x
Characters
Character Size
(mm) W x H
Viewing Area (mm) W x H
Outline Dimension (mm)
W x H x D
Driving
Voltage (V)
Built-in Con-
troller
Backlight
AND000802A-OLED
2 x 8
38.0 x 16.0
58.0 x 32.0 x 10
5V, option 3V
WS0010
*OLED
AND001601A-OLED
1 x 16
66.0 x 16.0
80.0 x 36.0 x 10.0
5V, option 3V
WS0010
*OLED
AND001602B-OLED
2 x 16
99.0 x 24.0
122.0 x 44.0 x 10.0
5V, option 3V
WS0010
*OLED
AND 001602D-OLED
2 x 16
66.0 x 16.0
85.0 x 30.0 x 10
5V, option 3V
WS0010
*OLED
AND001602A-OLED
2 x 16
66.0 x 16.0
80.0 x 36.0 10
5V, option 3V
WS0010
*OLED
AND002002A-OLED
2 x 20
85.0 x 18.6
116.0 x 37.0 x 9.8
5V, option 3V
WS0020
*OLED
AND002004A-OLED
4 x 20
77.0 x 25.2
98.0 x 60.0 x 10.0
5V, option 3V
WS0010
*OLED
AND004002A-OLED
2 x 40
154.4 x 16.5
182.0 x 33.5 x 9.3
5V, option 3V
WS0010
*OLED
Intelligent Alphanumeric Displays (OLED) *OLED available in (White, Green, Blue, and Red) Sunlight readable.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com