Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND791GST-LED Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND791GST-LED
Description  Liquid Crystal Displays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND791GST-LED Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND791GST-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND791GST-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND791GST-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND791GST-LED Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Purdy Electronics Corporation • 755 North Pastoria Avenue • Sunnyvale, CA 94085-2918
Tel: 408.523.8200 • Fax: 408.733.1287 • Email: sales@purdyelectronics.com •
www.purdyelectronics.com
Color TFT Video Monitors (includes CCFLor LED backlight, inverter & control circuitry. *Control circuitry includes integrated DC-AC inverter to drive CCFLbacklight.)
Part Number
Screen
Diagonal
(inches)
Pixel
Count
W x H
Brightness
Nits
(cd/m2)
Pixel Pitch (mm)
W x H
Active Area
(mm) W x H
Overall
Dimension (mm)
W x H x D
Driving
Voltage
(V)
Input Signal
ANDpSi020TD-LED
2.0
320 x 240
250
0.053 x 0.159
40.67 x 30.48
46.1 x 40.96 x 2.53
12.0
NTSC, PAL
AND-TFT-25XS-LED
2.5
160 x 234
250
0.125 x 0.163
49.68 x 37.44
60.6 x 48.4 3.45
12.0
NTSC, PAL
AND-TFT-35VX-UHB-LED
3.5
640 x 480
1,500
0.1125 x 0.1095
72 x 52.56
84.24 x 65.4 x 3.45
5.0
VGA, NTSC, PAL
AND-TFT-35VX
3.5
640 x 480
210
0.1125 x 0.1095
72 x 52.56
84.24 x 65.4 x 3.45
5.0
VGA, NTSC, PAL
AND-TFT-35VXTS
3.5
640 x 480
210
0.11125 x 0.1095
72 x 52.56
84.25 x 65.4 x 4.45
5.0
VGA, NTSC, PAL
AND-TFT-35XS-LED
3.5
320 x 234
250
0.074 x 0.225
71.6 x 52.65
83.5 x 63.1 x 3.6
12.0
NTSC, PAL
AND-TFT-43LP
4.3
480 x 272
400
0.198 x 0.198
95.04 x 53.856
105.5 x 67.2 x 4.05
12.0
VGA, NTSC, PAL
AND-TFT-5PA
5.0
320 x 234
400
0.107 x 0.319
102.7 x 74.5
127 x 93 x 13
12.0*
NTSC, PAL
AND-TFT-5PA-DHB
5.0
320 x 234
500
0.32 x 0.32
102.7 x 74.5
127 x 93 x 13
12.0*
NTSC, PAL
AND-TFT-5VX
5.0
640 x 480
400
0.156 x 0.159
74.88 x 101.76
91.4 x 119.3 x 7.9
12.0
VGA, NTSC, PAL
AND-TFT-5VX-4HB
5.0
640 x 480
1,000
0.156 x 0.159
74.88 x 101.76
91.4 x 119.3 x 7.9
12.0
VGA, NTSC, PAL
AND-TFT-5LP
5.0
640 x 480
200
0.1587 x 0.1587
101.59 x 76.18 132.65 x 90.23 x 23.1
12.0
VGA, NTSC, PAL
AND-TFT-56LP
5.6
640 x 480
350
0.1764 x 0.1764
112.9 x 84.7
141.5 x 101.6 x 18.5
12.0
VGA, NTSC, PAL
AND-TFT-64PA
6.4
320 x 234
330
0.135 x 0.416
129.6 x 97.3
156.3 x 120 x 14.3
12.0*
NTSC, PAL
AND-TFT-64PA-DHB
6.4
320 x 234
500
0.135 x 0.416
129.6 x 97.3
156.3 x 120 x 14.3
12.0*
NTSC, PAL
AND-TFT-64PA-LED
6.4
320 x 234
400
0.135 x 0.416
129.6 x 97.34
156.3 x 119.8 x 14.3
12.0
NTSC, PAL
AND-TFT-7LP
7.0
480 x 234
400
0.190 x 0.190
152.4 x 91.44
165 x 104 x 6.2
12.0
NTSC, PAL
AND-TFT-8LP
8.0
800 x 480
450
0.2208 x 0.2070 176.64 x 99.36 236.6 x 118.7 x 22.9
12.0
VGA, NTSC, PAL
Color TFT Modules (includes CCFLor LED backlight.Availabe seperately: CAC inverters and PWM backlight drivers. Touch screens are available for most modules
below in 4- or 5- wire resistive types. )
Part Number
Screen
Diagonal
(inches)
Pixel
Count(1)
W x H
Brightness
Nits
(cd/m2)
Pixel Pitch
(mm) W x H
Active Area
(mm) W x H
Overall
Dimension (mm)
W x H x D
Driving
Voltage
(V)
Input Signal(2)
AND050VL-LED
5.0
640 x 480
450
0.159 x 0.156
101.76 x 74.88
120.7 x 92.8 x 12.5
5.0
LVDS 6-bit interface
ANDpSi056ET0S-HB
5.6
1024 x 600
250
0.120 x 0.120
122.88 x 72
141.8 x 84.4 x 7.5
3.3
LVDS 6-bit interface
ANDpSi056ET0S-LED
5.6
1024 x 600
400
0.120 x 0.120
122.88 x 72
141.8 x 84.4 x 7.5
5.0
LVDS 6-bit interface
AND064VT8-HB-LED
6.4
640 x 480
400
0.203 x 0.203
129.6 x 97.44
175.4 x 126.9 x 12.5
5.0
LVDS 6-bit interface
AND065A041F-HB
6.5
640 x 480
400
0.207 x 0.207
132.48 x 99.36
153 x 118 x 11
5.0
Digital 6-bit interface
AND065A041F-HB2
6.5
640 x 480
400
0.207 x 0.207
132.48 x 99.36
153 x 118 x 11
5.0
Digital 6-bit interface
ANDpSi08C351-HB
8.0
800 x 600
350
0.213 x 0.213
170.4 x 127.8
200 x 150 x 12
3.3
Digital 6-bit interface
ANDpSi084C270F-HB
8.4
800 x 600
400
0.213 x 0.213
170.x x 127.8
199.5 x 149.5 x 12
3.3
LVDS 6-bit interface
ANDpSi089C362S
8.9
1024 x 600
250
0.1905 x 0.1890 195.07 x 113.4
219.5 x 134.5 x 5.2
3.3
Digital 6-bit interface
ANDpSi089C362S-4HB
8.9
1024 x 600
800
0.1905 x 0.1890 195.07 x 113.4
219.5 x 134.5 x 8.4
3.3
LVDS 6-bit interface
AND104X02-HB
10.4
1024 x 768
340
0.2055 x 0.2055 210.43 x 157.8
238.6 x 173.2 x 4.3
3.3
LVDS 6-bit interface
AND12C285-DHB
12.1
800 x 600
500
0.3075 x 0.3075
246.0 x 184.5
290 x 220 x 15
5.0
Digital 6-bit interface
AND12C285-4HB
12.1
800 x 600
850
0.3075 x 0.3075
246.0 x 184.5
290 x 209 x 12
5.0
Digital 6-bit interface
ANDpSi121C250F-HB
12.1
1024 x 768
400
0.24 x 0.24
246.7 x 184.32
278.3 x 209 x 12
3.3
LVDS 6-bit interface
Note 1: VGA = 640 x 480 resolution; SVGA = 800 x 600 resolution; XGA = 1024 x 768 resolution
Note 2: 6-bit = 256K colors; 8-bit = 16.2 M colors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com