Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME002S201 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FME002S201
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FME002S201 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FME002S201 Datasheet HTML 5Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 6Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 7Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 8Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 9Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 10Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 11Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 12Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TECHNISCHEÄNDERUNGENVORBEHALTEN-MAßEINMILLIMETER(INCHESINKLAMMERN)
34
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FMS001P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
174U,
FMS001S102
FMS001P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
188AU, 316U
FMS001S101
FMS001P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
174U,
FMS001S202
FMS001P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
188AU, 316U
FMS001S201
FMS006P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
316U double braided
FMS006S102
FMS006P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
doppelt geschirmt
FMS006S101
FMS009P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMS009S102
FMS009P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMS009S101
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff.
30 microinches = 0,8 µm
200 microinches = 5 µm
Outer Conductor
Suitable Cables RG-
Outer Conductor
Inner Conductor
58CU, 141AU
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Type
Ausführung
Innenleiter
Inner Conductor
Order Number
Receptacles
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel RG-
Bestellnummer
Steckdose
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
approx. approx.
approx.
ca.
ca.
ca.
FMS001...
0,6
1,9
2,4
3,2
9,0
4,3
3,0
11,2
22,45
22,95
16,6
(0.024)
(0.075)
(0.094)
(0.126)
(0.354)
(0.169)
(0.118)
(0.441)
(0.884)
(0.904)
(0.654)
FMS006...
0,6
1,9
2,7
3,8
9,3
4,3
3,0
11,2
22,45
22,95
16,6
(0.024)
(0.075)
(0.106)
(0.150)
(0.366)
(0.169)
(0.118)
(0.441)
(0.884)
(0.904)
(0.654)
FMS009...
1,3
3,7
4,5
5,2
8,3
3,6
2,7
10,7
22,15
22,65
16,3
(0.051)
(0.146)
(0.177)
(0.205)
(0.327)
(0.142)
(0.106)
(0.421)
(0.872)
(0.892)
(0.642)
FMS Coaxial Contacts, 50 Ohm, Straight Cable Termination
FMSKoaxialkontakte,50Ohm,geraderKabelanschluss
Dimensions
Abmessungen
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Crimp termination
Crimp termination
Crimpen
Crimpen
Crimp snap-in system
Crimp Snap-in System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com