Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS002S102 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FMS002S102
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMS002S102 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FMS002S102 Datasheet HTML 17Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 18Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 19Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 20Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 21Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 22Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 23Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 24Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
46
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FME002P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FME002S102
FME002P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FME002S101
FME002P108
1,3 µm Au
0,8 µm Au
1,3 µm Au
5 µm Sn
FME002S108
FME002P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FME002S202
FME002P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FME002S201
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
30 microinches = 0,8 µm
200 microinches = 5 µm
Type
Ausführung
Innenleiter
Inner Conductor
Order Number
Receptacles
Außenleiter
Innenleiter
Außenleiter
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Bestellnummer
Steckdose
Outer Conductor
Outer Conductor
Inner Conductor
FME Coaxial Contacts, 75 Ohm, Right Angled PCB Termination, 5 Pins
FME Koaxialkontakte, 75 Ohm, abgewinkelter Leiterplattenanschluss, 5 Anschlüsse
Dimensions of an Example Connector with Coaxial Contact FME002P... and Signal Contacts P45
Abmessungen am Beispiel Steckverbinder mit Koaxialkontakt FME002P... und Signalkontakten P45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com