Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP008P104 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # FMP008P104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008P104 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button FMP008P104 Datasheet HTML 31Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 32Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 33Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 34Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 35Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 36Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 37Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 38Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 39Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
TECHNISCHEÄNDERUNGENVORBEHALTEN-MAßEINMILLIMETER(INCHESINKLAMMERN)
60
ML 12/2008
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Crimp termination
Crimpen
Solder termination
Solder termination
Löten
Löten
—
Order Number
Plug
Bestellnummer
Stecker
FBM004P154M
CuBe
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
T-Flex 405,
Semi rigid 0.086
FBM004S154U
FBM005P154M
CuBe
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
T-Flex 402,
Semi rigid 0.141
FBM005S154U
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches =  0,2 µm
50 microinches =  1,3 µm
Tools from page 9 onwards / Werkzeuge ab Seite 94 ff.
30 microinches =  0,8 µm
200 microinches =  5 µm
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Order Number
Receptacles
Außenleiter
Verwendbare Kabel
Bestellnummer
Steckdose
Outer Conductor
Suitable Cables
Outer Conductor
Inner Conductor
Type
Ausführung
Innenleiter
Inner Conductor
Außenleiter
Innenleiter
FBM Coaxial Contacts, 50 Ohm, Straight Semi Rigid Cable Termination
FBMKoaxialkontakte,50Ohm,geradersemirigidKabelanschluss
Order Number
Ø A
Ø B
Ø C
Ø D
F
G
H
J
L
Bestellnummer
max.
max.
max.
max.
FBM004P...
0,55
1,7
2,3
—
3,7
3,1
7,9
10,0
13,3
(0.022)
(0.067)
(0.091)
(0.146)
(0.122)
(0.311)
(0.394)
(0.524)
FBM004S...
0,55
1,7
2,3
—
3,7
3,1
8,1
10,1
13,5
(0.022)
(0.067)
(0.091)
(0.146)
(0.122)
(0.319)
(0.398)
(0.531)
FBM005P...
0,97
—
3,7
—
2,3
2,3
10,6
10,0
16,0
(0.038)
(0.146)
(0.091)
(0.091)
(0.417)
(0.394)
(0.630)
FBM005S...
0,97
—
3,7
—
2,3
2,3
10,8
10,1
16,2
(0.038)
(0.146)
(0.091)
(0.091)
(0.425)
(0.398)
(0.638)
Dimensions
Abmessungen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com