Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2S017 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017
Description  2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017 Datasheet(HTML) 2 Page - Texas Instruments

  TPD2S017 Datasheet HTML 1Page - Texas Instruments TPD2S017 Datasheet HTML 2Page - Texas Instruments TPD2S017 Datasheet HTML 3Page - Texas Instruments TPD2S017 Datasheet HTML 4Page - Texas Instruments TPD2S017 Datasheet HTML 5Page - Texas Instruments TPD2S017 Datasheet HTML 6Page - Texas Instruments TPD2S017 Datasheet HTML 7Page - Texas Instruments TPD2S017 Datasheet HTML 8Page - Texas Instruments TPD2S017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ch2_Out
VCC (optional)
Ch1_Out
GND
Ch1_In
Ch2_In
ABSOLUTE MAXIMUM RATINGS
(1)
ESD RATINGS
TPD2S017
SLLS949 – SEPTEMBER 2009 .......................................................................................................................................................................................... www.ti.com
CIRCUIT DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Ch1_In
3
I
High-speed ESD clamp input
Ch2_In
4
Ch1_Out
1
O
High-speed ESD clamp output
Ch2_Out
6
GND
2
–
Ground
VCC
5
–
Optional power
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIO
IO voltage range
0
5
V
Tstg
Storage temperature range
–85
125
°C
TA
Operating temperature
–40
85
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PARAMETER
MIN
MAX
UNIT
Out pin
±11
IEC 61000-4-2 Contact Discharge
kV
In pin
±11
Human Body Model
In and out pins
±15
kV
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPD2S017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com