Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-0370 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0370
Description  Isolated Voltage/Current Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0370 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0370 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0370 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
The HCPL-0370/3700’s input buffer IC has a nominal turn on threshold of 2.5 mA (I
TH +) and 3.7 volts (VTH +).
The buffer IC for the HCPL-3760 was redesigned to permit a lower input current. The nominal turn on threshold for the
HCPL-3760 is 1.2 mA (I
TH +) and 3.7 volts (VTH +).
The high gain output stage features an open collector output providing both TTL compatible saturation voltages and
CMOS compatible breakdown voltages.
By combining several unique functions in a single package, the user is provided with an ideal component for indus-
trial control computer input boards and other applications where a predetermined input threshold level is desirable.
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1: HCPL-3760-500E to order product of Gull Wing Surface Mount package in Tape and Reel packaging with
and RoHS compliant.
Example 2: HCPL-3700 to order product of 300 mil DIP package in Tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and
RoHS compliant will use ‘–XXXE.’
Ordering Information
HCPL-0370/HCPL-3700/HCPL-3760 is UL Recognized with 3750 Vrms for 1 minute per UL1577 unless otherwise
specified.
Part
number
Option
Package
Surface
Mount
Gull
Wing
Tape
& Reel
UL 5000
Vrms/1
Minute
IEC/EN/DIN
EN 60747-5-5 Quantity
RoHS
Compliant
Non-RoHS
Compliant
HCPL-
0370
-000E
No option
SO-8
X
100 per tube
-500E
-500
X
X
1500 per reel
-060E
NA
X
X
100 per tube
-560E
NA
X
X
X
1500 per reel
HCPL-
3700
-000E
No option
300 mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-020E
-020
X
50 per tube
-320E
-320
X
X
X
50 per tube
-520E
-520
X
X
X
X
1000 per reel
-060E
NA
X
50 per tube
-360E
NA
X
X
X
50 per tube
-560E
NA
X
X
X
X
1000 per reel
HCPL-
3760
-000E
No option
300 mil
DIP-8
50 per tube
-300E
#300
X
X
50 per tube
-500E
#500
X
X
X
1000 per reel
-060E
NA
X
50 per tube
-360E
NA
X
X
X
50 per tube
-560E
NA
X
X
X
X
1000 per reel
Note:
NA = Not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com