Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMM18DRAS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HMM18DRAS
Description  156 3.96mm Contact Centers, .431 Insulator Height Dip Solder/Eyelet/Right Angle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HMM18DRAS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HMM18DRAS Datasheet HTML 1Page - List of Unclassifed Manufacturers HMM18DRAS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.sullinscorp.com
| 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
58
Sullins Edgecards
READOUT
TERMINATION TYPE
POLARIZING KEY
MOUNTING STYLE
.265 [6.73] INSERTION DEPTH
DUAL (D)
FULL
BELLOWS
HALF LOADED (H)
BACK-UP
SPRINGS
NUMBER
SIDE
PLM-K2
KEY IN CONTACT
(ORDER SEPARATELY)
.235
[5.97]
.092
[2.34]
.262
[6.65]
CONSULT FACTORY FOR MOLDED-IN KEY
PLA-K1
KEY IN BETWEEN CONTACTS
(ORDER SEPARATELY)
.230
[5.84]
.030
[0.76]
.200
[5.08]
SPECIFICATIONS
Accom
•
modates .062” ± .008” [1.57 ± .20] PC board
Molded-in key available
•
3 amp current rating
•
per contact
(for 5 amp application, consult factory)
30 milli ohm maximum at rated current
•
(RA) .125 [3.18]
FOR ALL POSITIONS
(SA) .270 [6.85] 02 THRU 25 POSITIONS
(SA) .230 [5.84] 28 THRU 36 POSITIONS
(SA) .190 [4.82]
43 POSITIONS
TOLERANCE: (RA) ± .025 [0.64]
(SA) ± .040 [1.00]
ALTERNATE
EYELET SHAPE
EYELET
(SE OR RE)
(SE) .007[0.18]
(RE) .014[0.36]
LETTER
SIDE
.185
[4.70]
.156
[3.96]
.050
[1.27]
RIGHT ANGLE,
DIP SOLDER
(RA, SA)
FITS Ø.051[1.30]
.200
[5.08]
NARROW
DIP SOLDER
(RT, RK, RY)
WIDE
DIP SOLDER
(RF, RX, RU, RP)
.140
[3.56]
.137 [3.48] (RT)
.225 [5.71] (RK)
.425 [10.80] (RY)
FITS Ø
.051[1.30]
.137 [3.48] (RX)
.200 [5.08] (RF)
.225 [5.71] (RU)
.408 [10.40] (RP)
CENTERED
DIP SOLDER
(SX, SU)
.110±.025 [2.79±.64] (SX)
.210±.025 [5.33±.64] (SU)
AVAILABLE WITH DUAL
OR HALF LOADED
READOUT TYPE
EYELET ACCEPTS
3-#22 AWG
.225
[5.72]
FITS Ø
.051[1.30]
MINIMUM
Ø.125
[3.18]
#4-40
.135
[3.43]
CLEARANCE HOLE
(H)
THREADED
INSERT (
I)
FLOATING
BOBBIN (F)
NO MOUNTING EARS
(N)
SIDE MOUNTING
(S)
Ø.116 [2.95],
CLEARANCE FOR
#4 SCREW
Ø.125
[3.18]
.156” [3.96mm] Contact Centers, .431” Insulator Height
Dip Solder/Eyelet/Right Angle


Similar Part No. - HMM18DRAS

ManufacturerPart #DatasheetDescription
logo
LUMATIC LUBRICATION
HMM10/100 LUMATIC-HMM10/100 Datasheet
508Kb / 6P
GREASE NIPPLE MOXES
January 2000
HMM10/100/45 LUMATIC-HMM10/100/45 Datasheet
508Kb / 6P
GREASE NIPPLE MOXES
January 2000
HMM10/100/90 LUMATIC-HMM10/100/90 Datasheet
508Kb / 6P
GREASE NIPPLE MOXES
January 2000
logo
Vaisala
HMM100 VAISALA-HMM100 Datasheet
541Kb / 2P
Humidity Module
HMM105 VAISALA-HMM105 Datasheet
383Kb / 2P
Digital Humidity Module
More results

Similar Description - HMM18DRAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EZC05DREH ETC1-EZC05DREH Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
ECM43DRKN ETC2-ECM43DRKN Datasheet
108Kb / 2P
.156 [3.96mm] Contact Centers, .431 Insulator Height Dip Solder/Eyelet/Right Angle
EBC05DREN-S93 ETC-EBC05DREN-S93 Datasheet
111Kb / 2P
.100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height
PBC08SAAN ETC2-PBC08SAAN Datasheet
111Kb / 2P
.100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
PBC04DFAN ETC2-PBC04DFAN Datasheet
111Kb / 2P
100 2.54mm Contact Centers, Male Breakaway Header Dip Solder/Right Angle/SMT
FMC13DRYH ETC2-FMC13DRYH Datasheet
731Kb / 2P
.100 2.54 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle for .062 1.57 mm or .031 0.79 mm Mating PCB
FSM22DSEF ETC2-FSM22DSEF Datasheet
474Kb / 2P
.156 3.96 mm Contact Centers, .431 10.95 mm Insulator Height, Dip Solder/Eyelet/Right Angle
logo
Soberton Inc.
SP-1635 SOBERTON-SP-1635 Datasheet
225Kb / 1P
Solder Eyelet Post
SP-2035 SOBERTON-SP-2035 Datasheet
213Kb / 1P
Solder Eyelet Post
SP-4005-1 SOBERTON-SP-4005-1 Datasheet
238Kb / 1P
Solder Eyelet Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com