Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT5-RED-T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT5-RED-T
Description  T1 3/4 (5mm) SMT 90 SURFACE MOUNT LED, TAPE AND REEL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT5-RED-T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT5-RED-T Datasheet HTML 1Page - List of Unclassifed Manufacturers HT5-RED-T Datasheet HTML 2Page - List of Unclassifed Manufacturers HT5-RED-T Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TYP
MAX
TYP
HT5-BLU-T
BLUE
430
150
25
70
4.0
4.5
15
45
BDL-1363
HT5-GRN-T
GREEN
568
80
30
150
2.1
2.8
25
45
BDL-1360
HT5-RED-T
HE RED
625
80
30
150
2.0
2.8
25
45
BDL-1361
HT5-YEL-T
YELLOW
590
85
30
150
2.0
2.8
25
45
BDL-1362
RED
625
80
30
150
2.0
2.8
6
GREEN
568
80
30
150
2.1
2.8
8
Assy P/N
Em itted
Color
Peak Wave
Length
λp(nm)
Lens
Appearance
Absolute Max. Ratings
Iv
(m cd)
View ing
Angle
2 θ½
(Deg)
LED P/N
Pd
(m W)
If
(m A)
Peak If
(m A)
Vf
(V)
STANDARD SINGLE COLOR LED ASSEMBLIES (20mA)
DIFFUSED
STANDARD BI-COLOR LED ASSEMBLIES (20m A)
HT5-BC-T
WHITE
DIFFUSED
45
BDL-1359



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com